Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC233 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TC233
Description  32-Bit Single-Chip Microcontroller
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC233 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TC233 Datasheet HTML 10Page - Infineon Technologies AG TC233 Datasheet HTML 11Page - Infineon Technologies AG TC233 Datasheet HTML 12Page - Infineon Technologies AG TC233 Datasheet HTML 13Page - Infineon Technologies AG TC233 Datasheet HTML 14Page - Infineon Technologies AG TC233 Datasheet HTML 15Page - Infineon Technologies AG TC233 Datasheet HTML 16Page - Infineon Technologies AG TC233 Datasheet HTML 17Page - Infineon Technologies AG TC233 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 238 page
background image
TC233 / TC234 / TC237
Package and Pinning DefinitionsPG-LFBGA-292-6 Package Variant Pin
Data Sheet
2-8
V 1.0 2017-03
G2
P00.1
I
A1 /
HighZ /
VDDP3
General-purpose input
TIM0_1
GTM_TIN
ASCLIN0_RXC
ASCLIN0 input (aka: ARX0C)
CAN1_RXDD
CAN node 1 input (aka: RXDCAN1D)
SENT_SENT0B
SENT input
CCU60_CC60INB
CCU60 input
CCU61_CC60INA
CCU61 input
P00.1
O0
General-purpose output
TOM0_9
O1
GTM_TOUT
TOM1_1
GTM_TOUT
TOM0_4N
GTM_TOUT (= DTM1_OUT4_N)
TOM1_4N
GTM_TOUT (= DTM5_OUT4_N)
IOM_REF0_10
IOM reference input
ASCLIN0_TX
O2
ASCLIN0 output (aka: ATX0)
IOM_MON2_12
IOM monitor input
IOM_REF2_12
IOM reference input
—O3
Reserved
—O4
Reserved
—O5
Reserved
SENT_SPC0
O6
SENT output
CCU61_CC60
O7
CCU61 output
IOM_MON1_8
IOM monitor input
IOM_REF1_13
IOM reference input
Table 2-2
Port 00 Functions
(cont’d)
Ball
Symbol
Ctrl.
Buffer
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com