Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC233 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TC233
Description  32-Bit Single-Chip Microcontroller
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC233 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TC233 Datasheet HTML 6Page - Infineon Technologies AG TC233 Datasheet HTML 7Page - Infineon Technologies AG TC233 Datasheet HTML 8Page - Infineon Technologies AG TC233 Datasheet HTML 9Page - Infineon Technologies AG TC233 Datasheet HTML 10Page - Infineon Technologies AG TC233 Datasheet HTML 11Page - Infineon Technologies AG TC233 Datasheet HTML 12Page - Infineon Technologies AG TC233 Datasheet HTML 13Page - Infineon Technologies AG TC233 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 238 page
background image
TC233 / TC234 / TC237
Summary of Features
Data Sheet
1-4
V 1.0 2017-03
ASCLIN
Interfaces
2
SENT
Channels
4
Ethernet
Channels
0
ASIL
Level
up to ASIL-D
Safety support
SMU
1
IOM
1
FFT
0
HSIC
Channels
2
Security
HSM
1
Embedded Voltage Regulator
DCDC from 3.3 V to 1.3 V
Yes
Embedded Voltage Regulator
LDO from 3.3 V to 1.3 V
Yes
Low Power Feature
Standby RAM
Yes
Packages
Type
PG-TQFP-100-23 / PG-TQFP-144-
27 / PG-LFBGA-292-6
I/O
Type
3.3 V CMOS (5V input supported on ADC
pins)
Tambient
Range
−40 … +125°C / +150°C
1) To ensure the processor cores are provided with a constant stream of instructions the Instruction Fetch Units will
speculatively fetch instructions from the up to 64 bytes ahead of the current PC.
If the current PC is within 64 bytes of the top of an instruction memory the Instruction Fetch Unit may attempt to
speculatively fetch instruction from beyond the physical range. This may then lead to error conditions and alarms being
triggered by the bus and memory systems.
It is therefore recommended that the upper 64 bytes of any memory be unused for instruction storage.
Table 1-1
Overview of TC23x Functions
(cont’d)
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com