Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071AMFKB Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AMFKB Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLE2071AMFKB Datasheet HTML 48Page - Texas Instruments TLE2071AMFKB Datasheet HTML 49Page - Texas Instruments TLE2071AMFKB Datasheet HTML 50Page - Texas Instruments TLE2071AMFKB Datasheet HTML 51Page - Texas Instruments TLE2071AMFKB Datasheet HTML 52Page - Texas Instruments TLE2071AMFKB Datasheet HTML 53Page - Texas Instruments TLE2071AMFKB Datasheet HTML 54Page - Texas Instruments TLE2071AMFKB Datasheet HTML 55Page - Texas Instruments TLE2071AMFKB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
7.5
6
3
1.5
0
13.5
4.5
0
− 5 −10 −15 − 20 − 25 − 30
10.5
9
12
MAXIMUM POSITIVE PEAK OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
15
− 35 − 40 − 45 − 50
TA = − 55°C
TA = 25°C
TA = 125°C
TA = 85°C
IO − Output Current − mA
VCC ± = ±15 V
Figure 19
−7.5
− 6
− 3
−1.5
0
−13.5
− 4.5
0
5
10
15
20
25
30
−10.5
− 9
−12
−15
35
40
45
50
MAXIMUM NEGATIVE PEAK OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
TA = 25°C
TA = 125°C
TA = − 55°C
VCC ± = ±15 V
TA = 85°C
IO − Output Current − mA
Figure 20
0
− 1
− 3
− 4
− 5
4
− 2
525
45
2
1
3
MAXIMUM PEAK OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
5
65
85
105 125
IO = − 200 µA
IO = − 2 mA
IO = − 20 mA
VCC ± = ±5 V
IO = 20 mA
IO = 2 mA
IO = 200 µA
− 75 − 55 − 35 −15
TA − Free-Air Temperature − °C
Figure 21
12.5
12
11
10.5
10
14.5
11.5
525
45
13.5
13
14
15
65
85
105 125
MAXIMUM PEAK OUTPUT VOLTAGE†
vs
FREE-AIR TEMPERATURE
IO = − 20 mA
IO = 20 mA
IO = 2 mA
IO = − 200 µA
IO = 200 µA
VCC ± = ±15 V
− 75 − 55 − 35 −15
TA − Free-Air Temperature − °C
IO = − 2 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com