Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071AMFKB Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AMFKB Datasheet(HTML) 58 Page - Texas Instruments

Back Button TLE2071AMFKB Datasheet HTML 54Page - Texas Instruments TLE2071AMFKB Datasheet HTML 55Page - Texas Instruments TLE2071AMFKB Datasheet HTML 56Page - Texas Instruments TLE2071AMFKB Datasheet HTML 57Page - Texas Instruments TLE2071AMFKB Datasheet HTML 58Page - Texas Instruments TLE2071AMFKB Datasheet HTML 59Page - Texas Instruments TLE2071AMFKB Datasheet HTML 60Page - Texas Instruments TLE2071AMFKB Datasheet HTML 61Page - Texas Instruments TLE2071AMFKB Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 38
TA − Free-Air Temperature − °C
3
2.9
2.7
2.6
2.5
3.4
2.8
−75 −55 −35 −15
5
25
45
3.2
3.1
3.3
3.5
65
85
105 125
VIC = 0
VO = 0
No Load
VCC ± = ±15 V
VCC ± = ±5 V
TLE2072
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
Figure 39
TA − Free-Air Temperature − °C
7
5
6
− 75 − 55 − 35 − 15
5
25
45
8
9
10
65
85
105 125
VIC = 0
VO = 0
No Load
VCC ± = ±15 V
VCC ± = ±5 V
TLE2074
SUPPLY CURRENT†
vs
FREE-AIR TEMPERATURE
Figure 40
VID − Differential Input Voltage − V
− 0.5
− 0.25
0
0.25
0.5
0
6
8
10
12
VCC + = 5 V
VCC − = 0
VIC = 4.5 V
TA = 25°C
Open Loop
No Load
4
2
TLE2071
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
Figure 41
VID − Differential Input Voltage − V
− 0.5
− 0.25
0
0.25
0.5
0
6
8
10
12
14
VCC + = 5 V
VCC − = 0
VIC = 4.5 V
TA = 25°C
Open Loop
No Load
4
2
TLE2072
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com