Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071AMFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AMFKB Datasheet(HTML) 1 Page - Texas Instruments

  TLE2071AMFKB Datasheet HTML 1Page - Texas Instruments TLE2071AMFKB Datasheet HTML 2Page - Texas Instruments TLE2071AMFKB Datasheet HTML 3Page - Texas Instruments TLE2071AMFKB Datasheet HTML 4Page - Texas Instruments TLE2071AMFKB Datasheet HTML 5Page - Texas Instruments TLE2071AMFKB Datasheet HTML 6Page - Texas Instruments TLE2071AMFKB Datasheet HTML 7Page - Texas Instruments TLE2071AMFKB Datasheet HTML 8Page - Texas Instruments TLE2071AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Direct Upgrades to TL05x, TL07x, and
TL08x BiFET Operational Amplifiers
D Greater Than 2× Bandwidth (10 MHz) and
3
× Slew Rate (45 V/µs) Than TL07x
D Ensured Maximum Noise Floor
17 nV/
√Hz
D On-Chip Offset Voltage Trimming for
Improved DC Performance
D Wider Supply Rails Increase Dynamic
Signal Range to
±19 V
description
The TLE207x series of JFET-input operational amplifiers more than double the bandwidth and triple the slew
rate of the TL07x and TL08x families of BiFET operational amplifiers. Texas Instruments Excalibur process
yields a typical noise floor of 11.6 nV/
√Hz, 17-nV/√Hz ensured maximum, offering immediate improvement in
noise-sensitive circuits designed using the TL07x. The TLE207x also has wider supply voltage rails, increasing
the dynamic signal range for BiFET circuits to
±19 V. On-chip zener trimming of offset voltage yields precision
grades for greater accuracy in dc-coupled applications. The TLE207x are pin-compatible with lower
performance BiFET operational amplifiers for ease in improving performance in existing designs.
BiFET operational amplifiers offer the inherently higher input impedance of the JFET-input transistors, without
sacrificing the output drive associated with bipolar amplifiers. This makes them better suited for interfacing with
high-impedance sensors or very low-level ac signals. They also feature inherently better ac response than
bipolar or CMOS devices having comparable power consumption.
The TLE207x family of BiFET amplifiers are Texas Instruments highest performance BiFETs, with tighter input
offset voltage and ensured maximum noise specifications. Designers requiring less stringent specifications but
seeking the improved ac characteristics of the TLE207x should consider the TLE208x operational amplifier
family.
Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to
observe common-mode input voltage limits and output swing when operating from a single supply. DC biasing
of the input signal is required and loads should be terminated to a virtual ground node at mid-supply. Texas
Instruments TLE2426 integrated virtual ground generator is useful when operating BiFET amplifiers from single
supplies.
The TLE207x are fully specified at
±15 V and ±5 V. For operation in low-voltage and/or single-supply systems,
Texas Instruments LinCMOS families of operational amplifiers (TLC- and TLV-prefix) are recommended. When
moving from BiFET to CMOS amplifiers, particular attention should be paid to slew rate and bandwidth
requirements and output loading.
Copyright
 1997 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLE2071AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2071AMFKB TI-TLE2071AMFKB Datasheet
1Mb / 83P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2071AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE207X TI-TLE207X Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE208X TI-TLE208X Datasheet
1Mb / 69P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE207XA TI-TLE207XA_07 Datasheet
1Mb / 83P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2071-Q1 TI1-TLE2071-Q1 Datasheet
692Kb / 42P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082ACDRG4 TI-TLE2082ACDRG4 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082AIDR TI1-TLE2082AIDR Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X TI1-TLE207X_16 Datasheet
2Mb / 89P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X-Q1 TI1-TLE207X-Q1 Datasheet
731Kb / 43P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE208X TI1-TLE208X_16 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com