Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA310 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 16Page - NXP Semiconductors KMA310 Datasheet HTML 17Page - NXP Semiconductors KMA310 Datasheet HTML 18Page - NXP Semiconductors KMA310 Datasheet HTML 19Page - NXP Semiconductors KMA310 Datasheet HTML 20Page - NXP Semiconductors KMA310 Datasheet HTML 21Page - NXP Semiconductors KMA310 Datasheet HTML 22Page - NXP Semiconductors KMA310 Datasheet HTML 23Page - NXP Semiconductors KMA310 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
20 / 71
9.3 MPC7 mode
MPC7 in contrast provides a set of six freely selectable calibration points defined by
angular position (linear Xn), output level (linear Yn), and slope (linear Sn) as shown
in Figure 11.
aaa-028145
MPC7
LNR_Y1
LNR_Y5
LNR_Y4
LNR_Y3
LNR_Y2
LNR_X1
LNR_X5
LNR_X4
LNR_X3
LNR_X2
100
90
180
160
0
40
60
SCALE_COEFFICIENT
RANGE_DETECTION
ZERO_ANGLE
SLOPE = 0
CLAMP_SWITCH
CLAMP_HIGH
CLAMP_LOW
80
100
120
80
70
60
40
50
30
10
20
0
95
5
20
140
SLOPE_1
SLOPE_2
SLOPE_3
SLOPE_4
SLOPE_5
SLOPE_6
α (deg)
VO/VDD
(%)
Figure 11. MPC7 mode
10 Diagnostic features
KMA310 provides following diagnostic features. The safety mechanisms supporting
functional safety operation are marked with individual numbers SM-xx. Functional risks
are only minimized if all safety mechanisms are enabled as in the default configuration.
Thus it is not recommended to switch them off individually.
10.1 NVM CRC (SM-20), NVM EDC check (SM-21), and NVM ECC check
(SM-22)
The device includes a supervision of the programmed data. At power-on, a CRC of the
non-volatile memory is performed (SM-20). The NVM is split into three customer areas
with individual CRCs (CRC1, CRC2, and CRC3) and a manufacturer area which is user
access restricted and also CRC protected. Furthermore, the memory is protected against
bit errors. Every 16-bit data word is saved internally as a 22-bit word for this purpose.
The protection logic corrects any single-bit error in a data word (SM-22), while the sensor
continues in normal operation mode. Furthermore, the logic detects double-bit error per
word and switches the output into diagnostic mode (SM-21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com