Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA310 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors KMA310 Datasheet HTML 10Page - NXP Semiconductors KMA310 Datasheet HTML 11Page - NXP Semiconductors KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors KMA310 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
10 / 71
Data nibbles D3 and D4 contain an 8-bit loop counter value with wrap-around common
for both protocol formats A.3 and H.4.
Table 8. DATA nibbles D3 and D4: 8-bit loop counter
D3[1]
D4[2] 8-bit loop counter
0000
0000 0
:
:
:
1111
1111 255
[1]
MSN.
[2]
LSN.
For the single secure sensor format H.4 the clamping levels must be set to the correct
values to comply with the SAE J2716 SENT specification: CLAMP_HIGH = 4088,
CLAMP_LOW = 1. Otherwise angular values overwrite the reserved data range for
diagnostic information.
8.8 Dual throttle position sensor formats A.1 and H.1
The KMA310 generates the sequence defined in Table 9 repeatedly in accordance with
the dual throttle position sensor format defined in SAE J2716 JAN2010 SENT appendix
A.1 or H.1 defined in SAE J2716 APR2016.
DATA nibbles D0 to D2 contain the 12-bit angular value. DATA nibbles D3 to D5 contain
the opposite slope of the same 12-bit angular value while also the order of these DATA
nibbles is reversed.
A.1 uses the data range 1 to 4094 for angular values and the values 0 and 4095 for
diagnostic information. While H.1 uses data range 1 to 4088 for angular values and 4090
for diagnostic information.
aaa-008203
12-bit angular value
12-bit inverted slope
angular value
Figure 7. Dual throttle position sensor formats A.1 and H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com