Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA310 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors KMA310 Datasheet HTML 39Page - NXP Semiconductors KMA310 Datasheet HTML 40Page - NXP Semiconductors KMA310 Datasheet HTML 41Page - NXP Semiconductors KMA310 Datasheet HTML 42Page - NXP Semiconductors KMA310 Datasheet HTML 43Page - NXP Semiconductors KMA310 Datasheet HTML 44Page - NXP Semiconductors KMA310 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
41 / 71
is defined as tstart. The HIGH-level duration after the rising edge of the stop condition
is defined as tstop. These parameters, together with all other timing characteristics are
shown in Table 45.
001aag817
tstart
tstop
Figure 22. OWI start and stop condition
Figure 23 shows the coding of a single bit with a HIGH level of VIH and a LOW level of
VIL. Here the pulse width tw1 or tw0 represents a logic 1 or a logic 0 of a full bit period Tbit,
respectively.
001aag818
0.175
bit = 0
bit = 1
0.25
0.375
Tbit
tw0
tw1
0.625
0.75
0.825
Tbit
Figure 23. OWI timing
16.3 Sending and receiving data
The master has to control the communication during sending or receiving data. The
command byte defines the address and type of command the master requests. Read
commands need an additional handover or takeover bit. Insert this bit before and after
the two data bytes (see Figure 21). However, the OWI is a serial data transmission,
whereas the MSB is sent at first.
Table 47. Format of command byte
7
6
5
4
3
2
1
0
CMD7
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
Table 48. Command byte description
Bit
Symbol
Description
7 to 1
CMD[7:1]
address bits
0 = write
0
CMD0
1 = read
A more detailed description of all customer accessible registers is given in Section 16.5.
Both default value and the complete command including the address and write or read
request are also listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com