Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA035XSE Datasheet(PDF) 6 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 6 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 2Page - AZ Displays PA035XSE Datasheet HTML 3Page - AZ Displays PA035XSE Datasheet HTML 4Page - AZ Displays PA035XSE Datasheet HTML 5Page - AZ Displays PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays PA035XSE Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:6
Note 5-3:VDD, VCC = +3.3V (Typ.)
Note 5-4:VCOM = 6VPP.
Phase of the video signal input and VCOM
The relation between these values could refer to 8-1 Operating condition.
Fig.1
Liquid crystal transmission of the video signal input, VCOM and timing
VCOM
H Level
L Level
Video Signal Input Maximum
Black
White
Video Signal Input Minimum
White
Black
White : maximum transmission / Black : minimum transmission
100% white
pedestal
Composite Video
Signal
R,G,B Video
Signal
(
V
R ,VG ,VB)
V
COM
1H
1H
V
GL
V
GL AC
V
GL DC
V
COM DC
V
COM AC
V
i AC
V
i DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com