Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA035XSE Datasheet(PDF) 10 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 10 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays PA035XSE Datasheet HTML 10Page - AZ Displays PA035XSE Datasheet HTML 11Page - AZ Displays PA035XSE Datasheet HTML 12Page - AZ Displays PA035XSE Datasheet HTML 13Page - AZ Displays PA035XSE Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:10
8-4) Power Consumption
Ta= 25 ℃
Parameter
Symbol Conditions
TYP. Unit Remark
LCD Panel Power Consumption
50
mW Note 8-6
Backlight Lamp Power Consumption
0.65
W
Note 8-7
Total Power Consumption
0.69
W
Note 8-6:The power consumption for backlight is not included.
Note 8-7:Backlight lamp power consumption is calculated by IL×VL.
8-5) Input / Output Connector
1. LCD Module Connector
FFC Down Connector,
28 Pins
Pitch:0.5 mm
B) Backlight Connector
JST BHR-03VS-1
Pin No.:3
Pitch:4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com