Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA035XSE Datasheet(PDF) 9 Page - AZ Displays

Part # PA035XSE
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSE Datasheet(HTML) 9 Page - AZ Displays

Back Button PA035XSE Datasheet HTML 5Page - AZ Displays PA035XSE Datasheet HTML 6Page - AZ Displays PA035XSE Datasheet HTML 7Page - AZ Displays PA035XSE Datasheet HTML 8Page - AZ Displays PA035XSE Datasheet HTML 9Page - AZ Displays PA035XSE Datasheet HTML 10Page - AZ Displays PA035XSE Datasheet HTML 11Page - AZ Displays PA035XSE Datasheet HTML 12Page - AZ Displays PA035XSE Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PA035XSE
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:9
Note 8-2:Both NTSC and PAL system Video Signal input waveform is based on 8 steps gray
scale.
8-2)Current Consumption (GND=AVSS=0V)
Ta= 25 ℃
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
IGH
VGH=+17V
-
0.055
0.083
mA
IGL
VGL=-12V
-
0.067
0.087
mA
VGL center voltage
ICC
VCC=+3.3V
-
0.441
0.563
mA
AIDD
AVDD=+5V
-
7
10
mA
IDD
VDD=+3.3V
-
1.2
3
mA
Current for Driver
IEE
VEE=-15V
-
0.441
0.600
mA
8-3) Backlight driving & Power Consumption
Pin No
Symbol
Description
Remark
1
VL1
Input terminal (Hi voltage side)
3
VL2
Input terminal (Low voltage side)
Note 8-3
Note 8-3:Low voltage side of backlight inverter connects with Ground of inverter circuits.
Ta= 25 ℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp voltage
VL
-
265
-
Vrms
IL=3mA
Lamp current
IL
2
3
5
mA
Lamp frequency
PL
25
35
65
KHz
Note 8-4
Kick-off voltage(25℃)
Vs
-
-
400
Vrms
Kick-off voltage(0℃)
Vs
-
-
520
Vrms
Note 8-5
Note 8-4 : The waveform of lamp driving voltage should be as closed to a perfect SIN wave as
possible.
Note 8-5 : This value is not output voltage of inverter.
The voltage of inverter must larger than the starting voltage.
The kick-off time must larger than 1 second.
Black
White
White
Black
White
White
Black
4.0±0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com