Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2802 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Thermal Information
Item
Description
Value
Unit
RθJA
Junction-to-ambient thermal resistance (1)(2)
105
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
3.5
°C/W
ψJB
Junction-to-board characterization parameter
17.5
°C/W
Note (1): The package thermal impedance is calculated in accordance to JESD 51-7.
Note (2): Thermal Resistances were simulated on a 4-layer, JEDEC board
Electrical Characteristics (1) (2)
VIN=12V, TA=25°C, unless otherwise specified.
Parameter
Test Conditions
Min
Typ.
Max
Unit
Input Voltage Range
4.5
30.0
V
Under-Voltage Lockout Threshold
Wake up VIN Voltage
4.1
4.4
V
Shutdown VIN Voltage
3.3
3.7
V
Hysteresis VIN voltage
400
mV
Shutdown Supply Current
170
250
µA
Quiescent Current
VDIM=2V, VFB=0.105V
2.5
mA
Over Input Voltage
31.4
V
Feedback Reference Voltage
VDIM=1.2V
94
100
106
mV
Feedback Min Reference Voltage
VDIM=0.65V
3
5
7
mV
High-Side FET On-Resistance
100
120
140
High-Side FET Peak Current Limit
TON<300nS
3
3.5
4
A
Low-Side FET On-Resistance
60
70
80
Low-Side FET Valley Current Limit
2.1
2.5
2.8
A
Analog Dimming Voltage
0.65
1.2
V
Dimming ON Threshold
0.67
V
Dimming OFF Threshold
0.55
V
Bias Voltage For High FET Driver
4.5V≤VIN≤30V
3
V
Operation Frequency
0.8
1.0
1.2
MHz
Minimum On Time
80
100
nS
Minimum Off Time
80
100
nS
Max Duty Cycle
85%
Thermal Shutdown
160
Thermal Hysteresis
20
Note (1): MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note (2): Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com