Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2802 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Package and Pin Description
Pin Configuration
5
BS
IN
SW
FB
DIM
GND
4
6
2
3
1
TOP VIEW
SOT23-6
Top Marking: JLYLL (device code: JL, Y=year code, LL= lot number code)
Pin Description
Pin
Name
Function
1
FB
Output current feedback pin, the output current: IOUT=0.1V/RS1.
2
GND
Ground pin.
3
DIM
Dimming signal input, the dimming voltage range: 0.65V-1.2V. Should not be float.
4
IN
Input supply pin, decouple this pin to GND pin with a 10μF ceramic cap.
5
SW
Switching Pin, connect this pin to the indicator.
6
BS
Bootstrap pin, supply for top side gate driver, decouple this pin to SW with 0.1μF
ceramic cap.
Order Information (1)
Marking
Part No.
Model
Description
Package
T/R Qty
JLYLL
70380051
HM2802
HM2802 Sync dimmable LED driver IC,
4.5-30V, 1.5A, 1MHz, SOT23-6
SOT23-6
3000PCS
Note (1): All H&M Semi parts are Pb-Free and adhere to the RoHS directive.
HM2802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com