Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2802 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2802
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2802 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2802 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2802 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
Specifications
Absolute Maximum Ratings (1)(2)
Item
Min
Max
Unit
VIN voltage
-0.3
40
V
DIM voltage
-0.3
40
V
SW voltage
-0.3
40
V
BS voltage
-0.3
40
V
FB voltage
–0.3
40
V
Power dissipation (3)
Internally Limited
Operating junction temperature, TJ
-40
150
°C
Storage temperature, Tstg
–55
150
°C
Lead Temperature (Soldering, 10sec.)
260
°C
Note (1): Exceeding these ratings may damage the device.
Note (2): The device is not guaranteed to function outside of its operating conditions.
Note (3): The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX),
the junction-to-ambient thermal resistance, RθJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/RθJA. Exceeding the maximum
allowable power dissipation causes excessive die temperature, and the regulator goes into thermal shutdown.
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at
TJ=160°C (typical) and disengages at TJ= 140°C (typical).
ESD Ratings
Item
Description
Value
Unit
V(ESD-HBM)
Human Body Model (HBM)
ANSI/ESDA/JEDEC JS-001-2014
Classification, Class: 2
±2000
V
V(ESD-CDM)
Charged Device Mode (CDM)
ANSI/ESDA/JEDEC JS-002-2014
Classification, Class: C0b
±200
V
ILATCH-UP
JEDEC STANDARD NO.78E APRIL 2016
Temperature Classification,
Class: I
±150
mA
Recommended Operating Conditions
Item
Min
Max
Unit
Operating junction temperature (1)
–40
125
°C
Operating temperature range
-40
85
°C
Input voltage VIN
4.5
30
V
Output current
0
1.5
A
Note (1): All limits specified at room temperature (TA = 25°C) unless otherwise specified. All room temperature
limits are 100% production tested. All limits at temperature extremes are ensured through correlation using standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com