Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 53Page - NXP Semiconductors LPC55S2X Datasheet HTML 54Page - NXP Semiconductors LPC55S2X Datasheet HTML 55Page - NXP Semiconductors LPC55S2X Datasheet HTML 56Page - NXP Semiconductors LPC55S2X Datasheet HTML 57Page - NXP Semiconductors LPC55S2X Datasheet HTML 58Page - NXP Semiconductors LPC55S2X Datasheet HTML 59Page - NXP Semiconductors LPC55S2X Datasheet HTML 60Page - NXP Semiconductors LPC55S2X Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.8 — 4 March 2020
57 of 126
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
• Loopback mode for testing of data and flow control.
• In synchronous slave mode, wakes up the part from deep-sleep and deep-sleep2
modes.
• Special operating mode allows operation at up to 9600 baud using the 32.768 kHz
RTC oscillator as the UART clock. This mode can be used while the device is in
deep-sleep and can wake-up the device when a character is received.
• USART transmit and receive functions work with the system DMA controller.
• The USART function supports separate transmit and receive FIFO with 16 entries
each.
7.23.3.5 I2S-bus interface
The I2S bus provides a standard communication interface for streaming data transfer
applications such as digital audio or data collection. The I2S bus specification defines a
3-wire serial bus with one data, one clock, and one word select/frame trigger signal,
providing single or dual (mono or stereo) audio data transfer in addition to other
configurations. Each Flexcomm Interface implements one I2S channel pair.
The I2S interface within one Flexcomm Interface provides one channel pair that can be
configured as a master or a slave. The channel pair within one Flexcomm Interface shares
one set of I2S signals, and are configured together for either transmit or receive operation,
using the same mode, same data configuration, and frame configuration. All such channel
pairs can participate in a Time Division Multiplexing (TDM) arrangement. For cases
requiring an MCLK input and/or output, this is handled outside of the I2S block in the
system level clocking scheme.
Features
• A Flexcomm Interface can implement one or more I2S channel pairs, the first of which
could be a master or a slave, and the rest would be slaves. All channel pairs are
configured together for either transmit or receive and other shared attributes.
• Flexcomm interfaces 0 to 7 each provide one channel pair of I2S function.
• Configurable data size for all channels within one Flexcomm Interface, from 4 bits to
32 bits. Each channel pair can also be configured independently to act as a single
channel (mono as opposed to stereo operation).
• All channel pairs within one Flexcomm Interface share a single bit clock (SCK) and
word select/frame trigger (WS), and data line (SDA).
• Data for all I2S traffic within one Flexcomm Interface uses the Flexcomm FIFO. The
FIFO depth is 8 entries.
• Left justified and right justified data modes.
• DMA support using FIFO level triggering.
• TDM with a several stereo slots and/or mono slots is supported. Each channel pair
can act as any data slot. Multiple channel pairs can participate as different slots on
one TDM data line.
• The bit clock and WS can be selectively inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com