Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors LPC55S2X Datasheet HTML 10Page - NXP Semiconductors LPC55S2X Datasheet HTML 11Page - NXP Semiconductors LPC55S2X Datasheet HTML 12Page - NXP Semiconductors LPC55S2X Datasheet HTML 13Page - NXP Semiconductors LPC55S2X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.8 — 4 March 2020
10 of 126
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
PIO0_2/
TRST
52
B11
81
[2]
P
D
I/O 0 PIO0_2 — General-purpose digital input/output pin. In
boundary scan mode: TRST (Test Reset).
Remark: In ISP mode, this pin is set to the Flexcomm 3 SPI
MISO function.
I/O 1 FC3_TXD_SCL_MISO_WS — Flexcomm 3: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
I2 CTIMER_INP1 — Capture input to CTIMER input
multiplexers.
O3 SCT0_OUT0 — SCTimer/PWM output 0.
I4 SCT0_GPI2 — Pin input 2 to SCTimer/PWM.
5 R — Reserved.
6 R — Reserved.
7 R — Reserved.
8 R — Reserved.
9 R — Reserved.
I/O 1
0
SEC_PIO0_2 — Secure GPIO pin.
PIO0_3/
TCK
53
F8
83
[2]
ZI/O 0 PIO0_3 — General-purpose digital input/output pin. In
boundary scan mode: TCK (Test Clock In).
Remark: In ISP mode, this pin is set to the Flexcomm 3 SPI
MOSI function.
I/O 1 FC3_RXD_SDA_MOSI_DATA — Flexcomm 3: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O.
O2 CTIMER0_MAT1 — 32-bit CTimer0 match output 1.
O3 SCT0_OUT1 — SCTimer/PWM output 1.
I4 SCT0_GPI3 — Pin input 3 to SCTimer/PWM.
5 R — Reserved.
6 R — Reserved.
7 R — Reserved.
8 R — Reserved.
9 R — Reserved.
I/O 1
0
SEC_PIO0_3 — Secure GPIO pin.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com