Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX414 Datasheet(PDF) 47 Page - Diodes Incorporated

Part # PI3HDX414
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX414 Datasheet(HTML) 47 Page - Diodes Incorporated

Back Button PI3HDX414 Datasheet HTML 43Page - Diodes Incorporated PI3HDX414 Datasheet HTML 44Page - Diodes Incorporated PI3HDX414 Datasheet HTML 45Page - Diodes Incorporated PI3HDX414 Datasheet HTML 46Page - Diodes Incorporated PI3HDX414 Datasheet HTML 47Page - Diodes Incorporated PI3HDX414 Datasheet HTML 48Page - Diodes Incorporated PI3HDX414 Datasheet HTML 49Page - Diodes Incorporated PI3HDX414 Datasheet HTML 50Page - Diodes Incorporated PI3HDX414 Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
47 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
7.2
Part Marking Information
Our standard product mark follows our standard part number ordering information, except for those products with a speed letter
code. The speed letter code mark is placed after the package code letter, rather than after the device number as it is ordered. After
electrical test screening and speed binning has been completed, we then perform an “add mark” operation which places the speed
code letter at the end of the complete part number.
PI 3 X
1X2X3 X1X2X3X4X5 X1X2 XX I E X
Product IO Configuration
i.e) X
1X2= Data Speed, X3=Total IO ports, X4= Port in, X5= Port out
Device Family Code: X
1X2: Protocol, X3:Technology
i.e) DPX = DisplayPort Redriver, EQX = Generic Redriver, HDT=HDMI Retimer
IO Voltage Code
i.e) 3 = 3.3V
PI = Pericom
Packaging
i.e) Blank = Tube; X = Tape & Reel
X
1:Product Skew & X2:Version
i.e) Blank = 1st release, B1 = Type B and Version 1
Package Code
Pb-Free
i.e) E = Pb-free & Green
Temperature Range
i.e) Blank=Commerial temp, I=Industrial temp
Figure 7-3: General Part marketing information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com