Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX414 Datasheet(PDF) 31 Page - Diodes Incorporated

Part # PI3HDX414
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX414 Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button PI3HDX414 Datasheet HTML 27Page - Diodes Incorporated PI3HDX414 Datasheet HTML 28Page - Diodes Incorporated PI3HDX414 Datasheet HTML 29Page - Diodes Incorporated PI3HDX414 Datasheet HTML 30Page - Diodes Incorporated PI3HDX414 Datasheet HTML 31Page - Diodes Incorporated PI3HDX414 Datasheet HTML 32Page - Diodes Incorporated PI3HDX414 Datasheet HTML 33Page - Diodes Incorporated PI3HDX414 Datasheet HTML 34Page - Diodes Incorporated PI3HDX414 Datasheet HTML 35Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
31 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
5.4
Electrical Characteristic
Control Pin ENABLE
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
V
IH
LVTTL input high voltage
2.4
VDD33
V
V
IL
LVTTL input low voltage
GND
0.8
V
I
IH
Input High-level current
V
IH = VDD33
-5
5
uA
I
IL
Input Low-level current
V
IL = GND
-50
-15
uA
HPD_SRC and HPD_SNK Pins
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
V
IH
LVTTL input high voltage
2.4
VDD33
V
V
IL
LVTTL input low voltage
1/3*VDD33
2/3*VDD33 V
I
IH
Input High-level current
V
IH = VDD33
40
uA
I
IL
Input Low-level current
V
IL = GND
GND
0.6
uA
V
OH
LVTTL high level output voltage
I
OH=-8mA
2.4
V
V
OL
LVTTL low level output voltage
I
OL= 8mA
0.4
V
SCL/SDA and AUX Pins
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
When configure as SCL/SDA pins
V
IH
LVTTL input high voltage
0.7*VDD
5.5
V
VIL
LVTTL input low voltage
GND
0.3*VDD
V
I
IH
Input High-level current
 V
IH = VDD33
-1
 
1
uA
I
IL
Input Low-level current
 V
IL = 0
-1
 
1
uA
VOH
LVTTL high level output voltage
IOH=-8mA
2.4
V
VOL
LVTTL low level output voltage
IOL= 8mA
0.4
V
When configure as Aux channel pins
V
CM
Common mode voltage
 
0
 
2.0
V
V
AUX (diff-pp)
Peak to peak differential voltage
0.19
 
1.26
V
R
ON
On resistance
V
IN = -0.3V to +0.4V
I
ON= -40mA
 
11
20
Ω
BW
3dB
3dB Bandwidth
440
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com