Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX414 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # PI3HDX414
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX414 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button PI3HDX414 Datasheet HTML 14Page - Diodes Incorporated PI3HDX414 Datasheet HTML 15Page - Diodes Incorporated PI3HDX414 Datasheet HTML 16Page - Diodes Incorporated PI3HDX414 Datasheet HTML 17Page - Diodes Incorporated PI3HDX414 Datasheet HTML 18Page - Diodes Incorporated PI3HDX414 Datasheet HTML 19Page - Diodes Incorporated PI3HDX414 Datasheet HTML 20Page - Diodes Incorporated PI3HDX414 Datasheet HTML 21Page - Diodes Incorporated PI3HDX414 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
18 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
Table 4-5: EQ Setting
when Auto_EQ = M and CNTRL = M
CNTRL
EQBAND = OC0
EQ0 = OC1
EQ1 = OP0
EQ2 = OP1
M
(Refer to Table 4-2)
Table 4-6: Output Swing Setting
in Register Programming Mode when CNTRL = 0 or in Pin Control Mode when CNTRL = 1
CNTRL
OC[1:0]
Byte0 bit[1:0]
Output Swing
Comments
0/1
0 0
400mV
See Table 3.9: SMBUS Register 0x00 & 0x01 Definition
0/1
0 1
600mV
0/1
1 0
1200mV (Default)
0/1
1 1
800mV
Table 4-7: Output Swing Setting
when CNTRL = M
CNTRL CAD_SNK
Output Swing
Comments
M
0
Follow AUX listener
DP Mode
M
1
800mV
TMDS Mode
Table 4-8: Output Pre-emphasis Setting
in Register Programming Mode when CNTRL = 0 or in Pin Control Mode when CNTRL = 1
CNTRL
OP[1:0]
Byte0 bit[3:2]
Output Pre-emphasis
0 /1
0 0
3.5dB
See Table 3-9: SMBUS Register 0x00 & 0x01 Definition
0 /1
0 1
6dB (Default)
0 /1
1 0
9dB
0 /1
1 1
0dB
Table 4-9: Output Pre-emphasis Setting
when CNTRL = M
CNTRL CAD_SNK
Output Swing
Comments
M
0
Follow AUX listener
DP Mode
M
1
0 dB
TMDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com