Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP43ME Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # TDP43ME
Description  After unpacking, please check the accessories that come with the package, and store appropriately.
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button TDP43ME Datasheet HTML 2Page - PANDUIT CORP. TDP43ME Datasheet HTML 3Page - PANDUIT CORP. TDP43ME Datasheet HTML 4Page - PANDUIT CORP. TDP43ME Datasheet HTML 5Page - PANDUIT CORP. TDP43ME Datasheet HTML 6Page - PANDUIT CORP. TDP43ME Datasheet HTML 7Page - PANDUIT CORP. TDP43ME Datasheet HTML 8Page - PANDUIT CORP. TDP43ME Datasheet HTML 9Page - PANDUIT CORP. TDP43ME Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
TDP43ME
TDP43ME: PA26305A01_07
Page: 2 of 59
11-2015
Image Handling
Support BMP and PCX. Support ICO, WMF, JPG, EMF file through software. Support
image resize, rotating, mapping and inverse through software.
Resident
Barcodes
Code 39, Code 93, Code 128 (subset A, B, C), UCC/EAN-128 K-Mart, UCC/EAN-128,
UPC A / E (add on 2 & 5), I 2 of 5, I 2 of 5 with Shipping Bearer Bars, EAN 8 / 13 (add on
2 & 5), Codabar, Post NET, EAN 128, DUN 14, MaxiCode, HIBC, Plessey, Random
Weight, Telepen, FIM, China Postal Code, RPS 128, PDF417, Datamatrix code & QR
code
Interfaces
Serial port: RS-232 ( Baud rate : 4800 ~ 115200 , Xon/Xoff , DSR/DTR )
USB port: V2.0
Parallel port: Bi-direction
Ethernet TCP/IP Port (wireless
– optional)
Control Panel
Two Bi-color LED: Ready, Status
Function Key: FEED
Power
Auto Switching 100/240VAC, 50/60 Hz
Environment
Operation: 41°F to 104°F (5°C to 40°C)
Storage: -4°F to 122°F (-20°C to 50°C)
Humidity
Operation: 30-85%, non-condensing. Free air.
Storage: 10-90%, non-condensing. Free air.
Cert. Approval
CE, FCC Class A, CCC, CB, cUL, RoHS, WEEE, KC
Printer Dimension
Length:
11.2” (285 mm)
Height:
6.8” (171 mm)
Width:
8.9” (226 mm)
Weight: 6 lbs. (2.72 Kg)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com