Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP43ME Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # TDP43ME
Description  After unpacking, please check the accessories that come with the package, and store appropriately.
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button TDP43ME Datasheet HTML 4Page - PANDUIT CORP. TDP43ME Datasheet HTML 5Page - PANDUIT CORP. TDP43ME Datasheet HTML 6Page - PANDUIT CORP. TDP43ME Datasheet HTML 7Page - PANDUIT CORP. TDP43ME Datasheet HTML 8Page - PANDUIT CORP. TDP43ME Datasheet HTML 9Page - PANDUIT CORP. TDP43ME Datasheet HTML 10Page - PANDUIT CORP. TDP43ME Datasheet HTML 11Page - PANDUIT CORP. TDP43ME Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
TDP43ME
TDP43ME: PA26305A01_07
Page: 4 of 59
11-2015
USB Interface
Connector Type : Type B
PIN NO.
1
2
3
4
FUNCTION
VBUS
D-
D+
GND
Internal Interface
UART1 wafer
Ethernet module
N.C
1
1
N.C
TXD
2
2
RXD
RXD
3
3
TXD
CTS
4
4
RTS
GND
5
5
GND
RTS
6
6
CTS
E_MD
7
7
E_MD
RTS
8
8
CTS
E_RST
9
9
E_RST
+5V
10
10
+5V
GND
11
11
GND
+5V
12
12
+5V
UART2 wafer
Expansion module
+5V
1
1
+5V
CTS
2
2
RTS
TXD
3
3
RXD
RTS
4
4
CTS
RXD
5
5
TXD
GND
6
6
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com