Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP43ME Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # TDP43ME
Description  After unpacking, please check the accessories that come with the package, and store appropriately.
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button TDP43ME Datasheet HTML 3Page - PANDUIT CORP. TDP43ME Datasheet HTML 4Page - PANDUIT CORP. TDP43ME Datasheet HTML 5Page - PANDUIT CORP. TDP43ME Datasheet HTML 6Page - PANDUIT CORP. TDP43ME Datasheet HTML 7Page - PANDUIT CORP. TDP43ME Datasheet HTML 8Page - PANDUIT CORP. TDP43ME Datasheet HTML 9Page - PANDUIT CORP. TDP43ME Datasheet HTML 10Page - PANDUIT CORP. TDP43ME Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
TDP43ME
TDP43ME: PA26305A01_07
Page: 3 of 59
11-2015
1-3. Communication Interface
Parallel Interface
Handshake
: DSTB connects to the printer, BUSY connects to the host
Interface cable : Parallel cable compatible to IBM PC
Pin out
: See below
PIN NO.
FUNCTION
TRANSMITTER
1
2-9
10
11
12
13
14
15
16
17
18
19-30
31
32
33
34-35
36
/Strobe
Data 0-7
/Acknowledge
Busy
/Paper empty
/Select
/Auto-Linefeed
N/C
Signal Gnd
Chasis Gnd
+5V,max 500mA
Signal Gnd
/Initialize
/Error
Signal Ground
N/C
/Select-in
host / printer
host
printer
printer
printer
printer
host / printer
host
host / printer
printer
host / printer
Serial Interface
Serial Default
Setting
:
9600 baud rate、 no parity、 8 data bits、 1 stop bit、 XON/XOFF protocol and
RTS/CTS。
RS232 HOUSING (9-pin to 9-pin)
DB9 SOCKET
DB9 PLUG
---
1
1
+5V,max 500mA
RXD
2
2
TXD
TXD
3
3
RXD
DTR
4
4
N/C
GND
5
5
GND
DSR
6
6
RTS
RTS
7
7
CTS
CTS
8
8
RTS
RI
9
9
N/C
PC
PRINTER
【Note】The total current output from parallel port and serial port altogether cannot exceed 500mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com