Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 185 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 185 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
168
If the new SIP is a multicast, it is replaced with an IP address from the IP address table
ANA_ACL::SWAP_SIP.
The IP address table (ANA_ACL::SWAP_SIP) used by some of the above mentioned modes is indexed
using VCAP IS2 action POLICE_IDX (VCAP IS2 action POLICE_ENA must be 0). The IP address table
can contain 32 IPv4 addresses or 8 IPv6 addresses.
When swapping IP addresses or replacing the source IP address, it is also possible to preset the IPv4
TTL or the IPv6 hop limit. This is enabled by VCAP IS2 action TTL_UPDATE_ENA. The new TTL value
for IPv4 frames is configured in ANA_ACL::SWAP_IP_CTRL.IP_SWAP_IP4_TTL_VAL and the new hop
limit value for IPv6 frames is configured in ANA_ACL::SWAP_IP_CTRL.IP_SWAP_IP4_TTL_VAL.
IPv4 and IPv6 TCP/UDP frames have the option to replace the source and destination port numbers with
new values. This is enabled through VCAP IS2 action TCP_UDP_ENA and new port numbers are
provided by VCAP IS2 action MATCH_ID and MATCH_ID_MASK.
The IPv4 header checksum is updated whenever required by above mentioned frame rewrites. The UDP
checksum is updated whenever required for IPv6 frames and cleared for IPv4 frames.
3.21.2.2 Routing in ANA_ACL
The following table lists the registers associated with routing capabilities in ANA_ACL.
If PTP and routing is to be supported concurrently, then some routing related frame rewrites must be
done in ANA_ACL instead of in the rewriter. This is enabled in
ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_SEL or by setting VCAP IS2 action ACL_RT_MODE.
When enabled, the frame’s DMAC is changed to the next-hop MAC address specificed by ANA_L3 and
the rewriter is informed not to rewrite the DMAC. The following classification results used by the rewriter
are changed when routing in ANA_ACL:
•
The frame’s classified VID is set to the egress VID.
•
The frame’s classified VSI is optionally set to the egress router leg
(ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_UPDATE_GEN_IDX_ERLEG_ENA) or the egress
VID (ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_UPDATE_GEN_IDX_EVID_ENA)
In addition, ANA_L3 must be setup to change the source MAC address with the address belonging to the
egress router leg (ANA_L3::ROUTING_CFG.RT_SMAC_UPDATE_ENA). The IPv4 TTL or IPv6 hop limit
is still decremented by the rewriter.
3.21.2.3 PTP Delay_Req/Resp Processing
VCAP IS2 actions can trigger PTP Delay_Req/resp processing where an incoming Delay_Req frame is
terminated and a Delay_Resp frame is generated with appropriate PTP updates.
The following table lists the registers associated with PTP processing and rewriting capabilities in
ANA_ACL.
Table 106 •
ANA_ACL Routing Registers
Register
Description
Replication
ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_SEL
Enable routing related frame rewrites in
ANA_ACL
None
ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_UPDATE_
GEN_IDX_ERLEG_ENA
Enable use of egress router leg as VSI in
rewriter.
None
ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_UPDATE_
GEN_IDX_EVID_ENA
Enable use of egress VID as VSI in rewriter. None
Table 107 •
ANA_ACL PTP Processing and Rewriting Registers
Register
Description
Replication
ANA_ACL:PORT:PTP_CFG
PTP time domain configuration and PTP
portNumber configuration used in portIdentity.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com