Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 85Page - Microsemi Corporation VSC7440 Datasheet HTML 86Page - Microsemi Corporation VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
72
When programming an entry in VCAP CLM, the associated key fields listed must be programmed in the
listed order with the first field in the table starting at bit 0 in the entry.
Table 58 •
VCAP CLM Key Overview
Field Name
Short Description
Size
X2_TYPE
X2 type (each entry uses 2 words)
2
x x x
X4_TYPE
X4 type (each entry uses 4 words)
2
xxxx
X8_TYPE
X8 type (each entry uses 8 words)
2
xxxx
X16_TYPE
X16 type (each entry uses 16 words)
1
x x
FIRST
Set for first lookup
1
x xxx
xxxxxxxxx
IGR_PORT
Ingress port number
6
x
x
x
G_IDX_IS_SERVICE
Set if G_IDX is set to ISDX
1
x
xx
xxxxx
G_IDX
Generic index
12
x
x x
xxx
xxxxx
IGR_PORT_MASK_SEL Mode selector for IGR_PORT_MASK 2
x x
x
IGR_PORT_MASK
Ingress port mask
53
x x
x
L2_MC
Multicast DMAC address
1
x x
x
L2_BC
Broadcast DMAC address
1
x x
x
TPID0
TPID identifier from first tag
3
x x
x
x x x
x
PCP0
PCP from first tag
3
x
x x x
x
DEI0
DEI from first tag
1
x
x x x
x
VID0
VID from first tag
12
xx
x
xxx
x
TPID1
TPID identifier from second tag
3
x x
x
x x x
x
PCP1
PCP from second tag
3
x
x x x
x
DEI1
DEI from second tag
1
x
x x x
x
VID1
VID from second tag
12
x x
x
x x x
x
TPID2
Tag protocol identifier from third tag
3
x x
x x x
x
PCP2
PCP from third tag
3
x
x x x
x
DEI2
DEI from third tag
1
x
x x x
x
VID2
VID from third tag
12
x x
x x x
x
DST_ENTRY
Set if destination entry
1
x
L2_DMAC
Destination MAC address
48
x
x
x
L2_SMAC
Source MAC address
48
x
x x
x
ETYPE_MPLS
EtherType identifier
2
x
ETYPE_FULL
EtherType identifier
3
x
IP_MC
Multicast DIP address
1
x x
x
ETYPE_LEN
ETYPE encoded frame
1
x x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com