Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation VSC7440 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
61
It is possible to calculate the distribution of entry and action bits in the VCAP CLM based on entry and
action widths, together with the type-group field-widths.
The VCAP CLM implements default rules. When submitting a key to the VCAP CLM, the analyzer
simultaneously decides which default rule to hit if the key does not match any entries in the VCAP. If no
resources (blocks) are assigned to VCAP CLM, there can be no matches. As a result, default rules will
be hit.
0
X4
0b100
Software must insert 3 bit with the value 4 into first
address of all X4 actions.
1 and 3
0b0
Software must insert 1 bit with the value 0 into
uneven addresses of all actions.
2
0b00
Software must insert 2 bit with the value 0 into
address 2 of all actions.
Table 43 •
VCAP CLM Entry/Action Bit Distribution
Address offset
X1
X2
X4
X8
X16
0
e[34:0], a[68:0] e[33:0], a[67:0] e[32:0],
a[66:0]
e[31:0]
e[30:0]
1
e[68:34],
a[136:68]
e[67:33],
a[135:67]
e[66:32]
e[65:31]
2
e[101:68],
a[203:136]
e[100:67]
e[99:66]
3
e[136:102],
a[272:204]
e[135:101]
e[134:100]
4
e[168:136]
e[167:135]
5
e[203:169]
e[202:168]
6
e[237:204]
e[236:203]
7
e[272:238]
e[271:237]
8
e[303:272]
9
e[338:304]
10
e[372:339]
11
e[407:373]
12
e[440:408]
13
e[475:441]
14
e[509:476]
15
e[544:510]
Table 44 •
VCAP CLM Default Rule Addresses
VCAP
Number of
Default Rules
Address
CLM0
30
Starting address of CLM0 default rule number n is (6,144 + n × 16).
CLM1
30
Starting address of CLM1 default rule number n is (6,624 + n × 16).
CLM2
30
Starting address of CLM2 default rule number n is (7,104 + n × 16).
Table 42 •
VCAP CLM Action Type-Group Fields (continued)
Address Offset
Size
Action Type Group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com