Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 16Page - Microsemi Corporation VSC7440 Datasheet HTML 17Page - Microsemi Corporation VSC7440 Datasheet HTML 18Page - Microsemi Corporation VSC7440 Datasheet HTML 19Page - Microsemi Corporation VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 444 page
background image
Product Overview
VMDS-10492 VSC7440 Datasheet Revision 4.2
3
2.1.4
Security
•
Versatile Content Aware Processor (VCAP™) packet filtering engine using ACLs for ingress and
egress packet inspection
•
Storm controllers for flooded broadcast, flooded multicast, and flooded unicast traffic
•
Per-port, per-address registration for copying/redirecting/discarding
•
32 VCAP single-rate policers
2.1.5
Management
•
VCore-III™ CPU system with integrated 500 MHz MIPS 24KEc CPU with MMU and DDR3/DDR3L
SDRAM controller
•
PCIe 1.x CPU interface
•
CPU frame extraction (eight queues) and injection (two queues) through DMA, which enables
efficient data transfer between Ethernet ports and CPU/PCIe
•
EJTAG debug interface
•
Configurable 16-bit or 8-bit DDR3 SDRAM interface supporting up to one gigabyte (GB) of memory
•
Thirty-seven, pin-shared general-purpose I/Os
•
Serial GPIO and LED controller controlling up to 32 ports with four LEDs each
•
Triple PHY management controller (MIIM)
•Dual UART
•
Dual built-in two wire serial interface multiplexer
•
External interrupts
•
1588 synchronization I/Os
•
SFP loss of signal inputs
•
External access to registers through PCIe, SPI, MIIM, or through an Ethernet port with inline
Versatile Register Access Protocol (VRAP)
•
Per-port counter set with support for the RMON statistics group (RFC 2819) and SNMP interfaces
group (RFC 2863)
•
Energy Efficient Ethernet (EEE) (IEEE 802.3az)
•
Synchronous Ethernet, with four clock outputs recovered from any port
•
Support for CPU modes with internal CPU only, external CPU only, or dual CPU
2.1.6
Product Parameters
All SerDes, copper transceivers, packet memory, and configuration tables necessary to support network
applications are integrated. The following table lists the primary parameters for the device.
Table 1 •
Product Parameters
Features and Port Configurations
Maximum bandwidth excluding 1G NPI port
34 Gbps
Maximum number of ports excluding 1G NPI port
10
10G SFI ports (also capable of 2.5G or 1G SGMII)
2
2.5G SGMII ports (also capable of 1G SGMII)
4
1G SGMII ports excluding 1G NPI port
2
1G dual media ports (1G SGMII or 1G CuPHY)
2
1G SGMII NPI port
1
Layer 2 Switching
Packet buffer
8Mb
MAC table size
16K
Layer 2 multicast port masks
128
Super VCAP blocks (1K x 36 bits per block)
6
VCAP CLM entries (36 bits) per super VCAP block
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com