Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 195 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 195 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
178
The following SCAN status is available:
•
Match scan result for the last matching row is reported
(LRN::LATEST_POS_STATUS.SCAN_NEXT_STATUS).
•
Number of entries found during the scan found (LRN::SCAN_NEXT_CNT.SCAN_NEXT_CNT).
•
Scan remove is reported via the sticky event (LRN::EVENT_STICKY.SCAN_REMOVED_STICKY)
•
Scan match found is reported via the sticky event
(LRN::EVENT_STICKY.ROW_WITH_SCAN_ENTRY_STICKY).
3.22.4.1 Initiating a Port Move for a Specific FID
The following example initiates a port move for specific FID.
•
Move found entries:
Set LRN::SCAN_NEXT_CFG.SCAN_NEXT_MOVE_FOUND_ENA = 1.
•
Specify the FID filter:
Set LRN::SCAN_NEXT_CFG.FID_FILTER_ENA = 1.
Set LRN::MAC_ACCESS_CFG_0.MAC_ENTRY_FID = <FID value>.
•
Specify port filter:
Set LRN::SCAN_NEXT_CFG.ADDR_FILTER_ENA = 1.
Set LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR_TYPE = 0 to specify address type
UPSID_PN.
Set LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR = <UPSID, UPSPN> to specify UPSID and
UPSPN.
•
Specify the new address:
Set LRN::SCAN_NEXT_CFG_1.PORT_MOVE_NEW_ADDR = <new UPSID, new UPSPN>
Set LRN::SCAN_NEXT_CFG_1.SCAN_ENTRY_ADDR_MASK = all ones.
•
Scan through all rows by starting at row 0:
Set LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_ROW = 0.
Set LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_TYPE = 0.
•
Issue SCAN command:
Set LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_CMD = 5.
Set LRN::COMMON_ACCESS_CTRL.MAC_TABLE_ACCESS_SHOT = 1.
•
Wait until LRN::COMMON_ACCESS_CTRL.MAC_TABLE_ACCESS_SHOT is cleared.
3.22.5
Forwarding Lookups
This section describes forwarding handling. The following table lists the applicable registers.
Remove
LRN::SCAN_NEXT_CFG.SCAN_NEXT_REMOVE_FOUND_E
NA
Removes found entries.
CPU age scan
LRN::SCAN_NEXT_CFG.SCAN_NEXT_INC_AGE_BITS_ENA Performs CPU based age scan.
Aged entries. For example, entries
with AGE_FLAG equal to
maximum (configured in
ANA_L2::LRN_CFG.AGE_SIZE)
are removed and Non aged
entries, such as entries with
AGE_FLAG less than maximum,
gets the AGE_FLAG incremented.
Automatic Learning, page 181.
Table 113 •
Forwarding Registers
Target::Register.Field
Description
Replication
ANA_L2:COMMON:FWD_CFG
Configures common forwarding options
1
Table 112 •
Scan Modification Actions (continued)
Action Type
Target::Register.Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com