Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 223 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 223 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
206
Rx and Tx sampling can be enabled independently. If both are enabled, all incoming and outgoing traffic
on the port is subject to the statistical sampling given by the rate in SFLOW_SAMPLE_RATE.
sFlow sample candidate sent to the CPU is sent with IFH.FWD.SFLOW_MARKING set and with FCS
updated as shown in the following illustration.
Figure 51 •
sFlow Stamp Format in FCS
SAMPLE_CNT is incremented for each sample sent to CPU by the sFlow sampler.
FRAME_FWD_CNT is incremented whenever the frames are applicable for an sFlow sampler.
A variety of sticky events allows debug of the sFlow setup. These events can furthermore be counted in
the port statistics block by enabling the corresponding *_MASK. The following events are reported (in
ANA_AC:PS_STICKY:STICKY).
•
sFlow candidate was found (ANA_AC:PS_STICKY:STICKY.SFLOW_CAND_STICKY).
•
sFlow source sample was sent to CPU
(ANA_AC:PS_STICKY:STICKY.SFLOW_SRC_SAMPLE_STICKY).
•
sFlow destination sample was sent to CPU
(ANA_AC:PS_STICKY:STICKY.SFLOW_DST_SAMPLE_STICKY).
Current sample count and sample candidate count numbers are available
(ANA_AC::SFLOW_CNT.SFLOW_SAMPLE_CNT and
ANA_AC::SFLOW_CNT.SFLOW_FRAME_FWD_CNT).
These events can all be counted in the statistics block by enabling the corresponding *STICKY_MASK
found in register group ANA_AC:PS_STICKY_MASK:STICKY_MASK[x].
(ANA_AC:PS_STICKY_MASK:STICKY_MASK.SFLOW_CAND_STICKY_MASK,
ANA_AC:PS_STICKY_MASK:STICKY_MASK.SFLOW_DST_SAMPLE_STICKY_MASK,
ANA_AC:PS_STICKY_MASK:STICKY_MASK.SFLOW_SRC_SAMPLE_STICKY_MASK and
ANA_AC:PS_STICKY_MASK:STICKY_MASK.SFLOW_SAMPLE_STICKY_MASK).
3.23.5
Mirroring
This section describes how to configure mirroring. The following table lists the applicable registers.
Table 133 •
ANA_AC Mirror Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_DIRECTION
Configures whether to probe ingress traffic, egress traffic, or
both.
3
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_MAC_MODE
Configures MAC address filtering i.e. only traffic to and/or from
hosts known in to MAC table with the mirror bit set are mirrored.
3
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_VLAN_MODE
Configures VLAN filtering. That is, only traffic with a specific VID
or with VLAN entry mirror bit set are mirrored.
3
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_VID
Configures VID when PROBE_VLAN_MODE is set to probe
VID.
3
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_CPU_SET
Configures mirroring of traffic to specific CPU ports.
3
Without sample ID in stamp
31
8
0 :bit position
0 :bit position
FRAME_FWD_CNT
SAMPLE
CNT
With sample ID in stamp
31
26
8
FRAME_FWD_CNT
SAMPLE
CNT
SAMPLE
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com