Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 277 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 277 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation VSC7440 Datasheet HTML 277Page - Microsemi Corporation VSC7440 Datasheet HTML 278Page - Microsemi Corporation VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
260
•
DEI in 802.3 VLAN tags
•
PCP in 802.3 VLAN tags
The following table lists the configuration registers associated with the mapping tables.
Each of the two resources provide all of the fields listed above. Two lookups are done in each resource
for every frame. This generates four mapping results per frame.
The four lookups implement mapping table 0 to 3. The address used for each lookup is controlled by the
ES0 actions MAP_n_KEY and MAP_n_IDX (n =0:3).
A mapping table address consists of two parts:
•
A base index: ES0.MAP_n_IDX. This controls the MSB part of the table address.
•
One of 15 different keys that use classified frame properties to generate the LSB of the table
address. For more information about each key, see ES0 Configuration Registers, page 247.
The following illustration depicts the mapping table functionality.
Figure 79 •
Mapping Tables
The mapping tables provide a flexible way to update frame fields. The following example shows how to
configure and use mapping table 1.
Update PCP in VLAN tag A using mapping table 1. Use frame DSCP as index:
•
Enable ES0
Table 182 •
Mapping Table Configuration Registers
Register
Description
Replication
MAP_RES_x (x= A or B)
MAP_VAL_x:TC_VAL
Mapped TC value
2,048 × 2
MAP_VAL_x:DSCP_VAL
Mapped DSCP value
2,048 × 2
MAP_VAL_x:DEI_VAL
Mapped DEI value
2,048 × 2
MAP_VAL_x:PCP_VAL
Mapped PCP value
2,048 × 2
MAP_VAL_x:OAM_COLOR
Mapped OAM Color
2,048 × 2
MAP_VAL_x:OAM_COSID
Mapped OAM Cosid
2,048 × 2
MAP_LBL_x:LBL_VAL
Mapped MPLS label value
2,048 × 2
VCAP
ES0
Table selector actions
for each field
1 to 3 MPLS labels
Pushed Q-Tags
OAM
PDU-MOD
Egress
IP Frame
ES0 Key
Classified
fields
Frame from OQS
Resource
A
Resource
B
Table 0 fields
Table 1 fields
Table 2 fields
Table 3 fields
LABEL
TC
S
TTL
IFH
Frame
TPID
PCP
D
E
I
VID
DSCP
OAM
Path Info
ES0.map_key(0,1)
ES0.map_key(2,3)
ES0.map_idx(2,3)
ES0.map_idx(0,1)
Innermost TCI
SOC
SOC
Addr
Addr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com