Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 316 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 316 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
299
VID 10-19 are used by both ring 1 and ring 2, so bit 0 and bit 1 are both set in TUPE_CTRL.
VLAN_PORT_MASK includes the ring ports of ring 1 as well as port 7, used by ring 2. Port 8 is not
included, because it is in blocking state.
VID 20-30 and 40-50 are only used by ring 2, so only bit 1 is set in TUPE_CTRL. VLAN_PORT_MASK
includes port 7.
In this example, independently learning is used for all VLANs; that is, a separate FID is used for each
VID.
To also block reception of frames on any blocking ports, ANA_L3:COMMON:VLAN_FILTER_CTRL must
be configured to include all ring ports. In this example ports 0,1,7 and 8 must be set in
ANA_L3:COMMON:VLAN_FILTER_CTRL.
The following illustration shows the same set up as the previous illustration, but now a link in ring 2 has
failed. As a result, the RPL of ring 2 must be activated, meaning port 8 of switch A must be changed to
forwarding state.
Figure 98 •
Ethernet Ring with Failure
To avoid having to perform write access to the VLAN_PORT_MASKs of each of VID 10-30 and 40-50,
VLAN TUPE can be used instead. The following table lists the VLAN TUPE parameters to reconfigure
the VLAN table.
Table 225 •
VLAN TUPE Command for Ring Protection Switching
Field
Value
Comment
TUPE_CTRL_BIT_MASK
0x0002
Bits 0 and 1 of TUPE_CTRL are used as bit mask.
The TUPE command is applied only to VIDs used by ring 2, so
only bit 1 is set.
TUPE_CTRL_BIT_ENA
1
Enables use of TUPE_CTRL_BIT_MASK.
TUPE_START_ADDR
10
To make VLAN TUPE complete faster, only cover VID 10-50.
TUPE_END_ADDR
50
TUPE_CMD_PORT_MASK_SET
0x0100
Enables forwarding on port 8.
TUPE_START
1
Starts VLAN TUPE. The device clears TUPE_START when TUPE
is completed.
Ethernet Switch A
0
1
2
3
4
5
6
Ethernet
Switch
B
Ethernet
Switch
C
Ethernet
Switch
D
7
8
Ethernet
Switch
E
Ethernet
Switch
F
Ethernet
Switch
G
Ring protection link (RPL)
Ring 1
VLANs: 4-19, 31-32
Ring 2
VLANs: 10-30, 40-50
RPL port
Ring protection link (RPL)
Link failure!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com