Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 432 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 432 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 428Page - Microsemi Corporation VSC7440 Datasheet HTML 429Page - Microsemi Corporation VSC7440 Datasheet HTML 430Page - Microsemi Corporation VSC7440 Datasheet HTML 431Page - Microsemi Corporation VSC7440 Datasheet HTML 432Page - Microsemi Corporation VSC7440 Datasheet HTML 433Page - Microsemi Corporation VSC7440 Datasheet HTML 434Page - Microsemi Corporation VSC7440 Datasheet HTML 435Page - Microsemi Corporation VSC7440 Datasheet HTML 436Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 444 page
background image
VMDS-10492 VSC7440 Datasheet Revision 4.2
415
Pins by name (continued)
P1_D3N
A13
P1_D3P
B13
PCIE_RXN
E1
PCIE_RXP
E2
PCIE_TXN
D1
PCIE_TXP
D2
REF_FILT
D13
REF_Rext
D12
REFCLK_N
A2
REFCLK_P
A3
REFCLK2_N
U1
REFCLK2_P
U2
RESERVED_0
B18
RESERVED_1
C18
RESERVED_2
G16
RESERVED_3
P5
RESERVED_4
P4
S0_RXN
A9
S0_RXP
B9
S0_TXN
C9
S0_TXP
D9
S1_RXN
A8
S1_RXP
B8
S1_TXN
C8
S1_TXP
D8
S2_RXN
A7
S2_RXP
B7
S2_TXN
C7
S2_TXP
D7
S3_RXN
A6
S3_RXP
B6
S3_TXN
C6
S3_TXP
D6
S4_RXN
A5
S4_RXP
B5
S4_TXN
C5
S4_TXP
D5
S5_RXN
A4
S5_RXP
B4
S5_TXN
C4
S5_TXP
D4
S6_RXN
C1
S6_RXP
C2
S6_TXN
B3
S6_TXP
C3
S7_RXN
F1
S7_RXP
F2
S7_TXN
F3
S7_TXP
F4
S8_RXN
G1
S8_RXP
G2
S8_TXN
G3
S8_TXP
G4
S9_RXN
L1
S9_RXP
L2
S9_TXN
J1
S9_TXP
J2
S10_RXN
R1
S10_RXP
R2
S10_TXN
N1
S10_TXP
N2
SERDES_Rext_0
D11
SERDES_Rext_1
D10
SI_CLK
V6
SI_DI
R6
SI_DO
T6
SI_nCS0
U6
THERMDA
D15
THERMDC
D14
VDD_1
E8
VDD_2
E9
VDD_3
E10
VDD_4
E11
VDD_5
E12
VDD_6
E13
VDD_7
E14
VDD_8
F13
VDD_9
F14
VDD_10
G13
VDD_11
H5
VDD_12
H13
VDD_13
J5
VDD_14
J13
VDD_15
K5
VDD_16
K13
VDD_17
L5
VDD_18
L13
VDD_19
M5
VDD_20
M13
VDD_21
M14
VDD_22
N5
VDD_23
N6
VDD_24
N7
VDD_25
N8
VDD_26
N9
VDD_27
N10
VDD_28
N11
VDD_29
N12
VDD_30
N13
VDD_31
N14
VDD_32
P14
VDD_A_1
F5
VDD_A_2
F6
VDD_A_3
G5
VDD_A_4
H4
VDD_A_5
J4
VDD_A_6
K4
VDD_A_7
L4
VDD_A_8
M4
VDD_A_9
N4
VDD_AH_1
C14
VDD_AH_2
C15
VDD_AH_3
C16
VDD_AH_4
C17
VDD_AL_1
C10
VDD_AL_2
C11
VDD_AL_3
C12
VDD_AL_4
C13
VDD_HS_1
H3
VDD_HS_2
K3
VDD_HS_3
M3
VDD_HS_4
P3
VDD_HS_5
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com