Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7440 Datasheet(PDF) 168 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 168 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
151
3.20.1
VCAP IS2 Keys
VCAP IS2 supports a number of different keys that can be used for different purposes and frame types.
The keys are of type X4, X8, or X16 depending on the number of words each key uses. The keys are
grouped after size as shown in the following table.
The following table lists details for all VCAP IS2 keys and fields. When programming an entry in VCAP
IS2, the associated key fields must be programmed in the listed order with the first field in the table
starting at bit 0 in the entry. As an example, for a MAC_ETYPE entry, the first field X8_TYPE must be
programmed at bits 3:0 of the entry, the second field FIRST must be programmed at bit 4, and so on.
Table 95 •
VCAP IS2 Keys and Sizes
Key Name
Key Size
Number of Words
Key Type
IP4_VID
88 bits
4 words
X4 type
MAC_ETYPE
271 bits
8 words
X8 type
ARP
210 bits
IP4_TCP_UDP
283 bits
IP4_OTHER
274 bits
CUSTOM_2
284 bits
IP6_VID
284 bits
IP_7TUPLE
567 bits
16 words
X16 type
CUSTOM_1
546 bits
Table 96 •
VCAP IS2 Key Overview
Field Name
Description
Size
X8_TYPE
X8 type.
0: MAC_ETYPE
3: ARP
4: IP4_TCPUDP
5: IP4_OTHER
8: CUSTOM_2
9: IP6_VID
4
xxxxxx
X16_TYPE
X16 type.
1: IP7_TUPLE
2: CUSTOM_1
2x x
FIRST
Selects between entries relevant for first and
second lookup. Set for first lookup, cleared for
second lookup.
1
xxxxxxxxx
PAG
Classified Policy Association Group (PAG). PAG
can be used to tie VCAP CLM lookups with VCAP
IS2 lookups. The default PAG value is configurable
per port in
ANA_CL:PORT:PORT_ID_CFG.PAG_VAL.
8
xxxxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com