Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R410M Datasheet(PDF) 5 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 5 Page - u-blox AG

  SARA-R410M Datasheet HTML 1Page - u-blox AG SARA-R410M Datasheet HTML 2Page - u-blox AG SARA-R410M Datasheet HTML 3Page - u-blox AG SARA-R410M Datasheet HTML 4Page - u-blox AG SARA-R410M Datasheet HTML 5Page - u-blox AG SARA-R410M Datasheet HTML 6Page - u-blox AG SARA-R410M Datasheet HTML 7Page - u-blox AG SARA-R410M Datasheet HTML 8Page - u-blox AG SARA-R410M Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Functional description
Page 5 of 43
1
Functional description
1.1 Overview
SARA-R4 series modules are an LTE Cat M1, LTE Cat NB1 and EGPRS multi-mode solution in the
miniature SARA LGA form factor (26.0 x 16.0 mm, 96-pin). They allow an easy integration into compact
designs and a seamless drop-in migration from other u-blox cellular module families.
SARA-R4 series modules provide software-based multi-band configurability enabling international
multi-regional coverage in LTE Cat M1 / NB1 and (E)GPRS radio access technologies.
SARA-R4 series modules offer data communications up to 375 kb/s over an extended operating
temperature range of –40 °C to +85 °C, with low power consumption, and with coverage enhancement
for deeper range into buildings and basements (and underground with NB1).
With many interface options and an integrated IP stack, SARA-R4 series modules are the optimal
choice for LPWA applications with low to medium data throughput rates, as well as devices that
require long battery lifetimes, such as used in smart metering, smart lighting, telematics, asset
tracking, remote monitoring, alarm panels, and connected health.
Customers can future-proof their solutions by means of Over-The-Air firmware updates, thanks to
the uFOTA client/server solution that utilizes LWM2M, a light and compact protocol ideal for IoT.
SARA-R4 series modules will also support VoLTE over Cat M1. The flexibility extends further through
dynamic mode selection as M1-only/preferred or NB1-only/preferred.
1.2 Product features
Product variant
Region
Bands
Positioning
Interfaces
Audio
Features
Grade
SARA-R404M-00B
USA
13 M1
13
SARA-R410M-01B
North
America
13 M1
2,4
5,12
SARA-R410M-02B Multi Region 13 M1
NB1
*
SARA-R410M-52B
North
America
13 M1 2,4,5
12,13
SARA-R410M-63B
Japan
13 M1 1,8,19
SARA-R410M-73B
Korea
13 M1 3,5,26
SARA-R412M-02B Multi Region 13 M1
NB1
*
SARA-N410-02B
Multi Region 13 NB1
*
* = Bands may include 1, 2, 3, 4, 5, 8, 12, 13, 18, 19, 20, 25, 26, 28
= supported by all FW versions
= supported by future FW versions
Table 1: SARA-R4 series main features summary 1
1 See Table 29 for the model / marketing name of each product variant, as identified by various certification bodies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com