Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R410M Datasheet(PDF) 30 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 30 Page - u-blox AG

Back Button SARA-R410M Datasheet HTML 26Page - u-blox AG SARA-R410M Datasheet HTML 27Page - u-blox AG SARA-R410M Datasheet HTML 28Page - u-blox AG SARA-R410M Datasheet HTML 29Page - u-blox AG SARA-R410M Datasheet HTML 30Page - u-blox AG SARA-R410M Datasheet HTML 31Page - u-blox AG SARA-R410M Datasheet HTML 32Page - u-blox AG SARA-R410M Datasheet HTML 33Page - u-blox AG SARA-R410M Datasheet HTML 34Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Mechanical specifications
Page 30 of 43
5 Mechanical specifications
C
R
R
P
Q
K
M1
M1
M2
E
G
H1
J1
H2
J2
J2
H2
E
ANT pin
B
Pin 1
Indicator
K
G
H1
J1
A
D
D
O
O
L
N
L
I
F
F
Figure 3: SARA-R4 series dimensions (bottom and side views)
Parameter
Description
Typical
Tolerance
A
Module height [mm]
26.0
(1023.6 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
B
Module width [mm]
16.0
(629.9 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
C
Module thickness [mm]
2.53
(99.5 mil)
+0.25/-0.15
(+9.8/-5.9 mil)
D
Horizontal edge to lateral pin pitch [mm]
2.0
(78.7 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
E
Vertical edge to lateral pin pitch [mm]
2.5
(98.4 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
F
Edge to lateral pin pitch [mm]
1.05
(41.3 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
G
Lateral pin to pin pitch [mm]
1.1
(43.3 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
H1
Lateral pin height [mm]
0.8
(31.5 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
H2
Lateral pin close to ANT height [mm]
0.9
(35.4 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
I
Lateral pin width [mm]
1.5
(59.1 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
J1
Lateral pin to pin distance [mm]
0.3
(11.8 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
J2
Lateral pin to pin close to ANT distance [mm] 0.2
(7.9 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
K
Horizontal edge to central pin pitch [mm]
2.75
(108.3 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
L
Vertical edge to central pin pitch [mm]
2.75
(108.3 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
M1
Central pin to pin horizontal pitch [mm]
1.8
(70.9 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
M2
Central pin to pin horizontal pitch [mm]
3.6
(141.7 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
N
Central pin to pin vertical pitch [mm]
2.1
(82.7 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
O
Central pin height and width [mm]
1.1
(43.3 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
P
Horizontal edge to pin 1 indicator pitch [mm]
0.9
(35.4 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
Q
Vertical edge to pin 1 indicator pitch [mm]
1.0
(39.4 mil)
+0.20/-0.20
(+7.9/-7.9 mil)
R
Pin 1 indicator height and width [mm]
0.6
(23.6 mil)
+0.05/-0.05
(+2.0/-2.0 mil)
Weight
Module weight [g]
< 3
Table 27: SARA-R4 series dimensions
Module height tolerance +/–0.20 mm may be exceeded close to the corners of the PCB due to the
cutting process: in the worst cases, the height could be +0.40 mm longer than the typical value.
For information regarding footprint and paste mask recommended for the application board
integrating the cellular module, see the SARA-R4 series system integration manual [2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com