Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SARA-R410M Datasheet(PDF) 15 Page - u-blox AG

Part # SARA-R410M
Description  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M Datasheet(HTML) 15 Page - u-blox AG

Back Button SARA-R410M Datasheet HTML 11Page - u-blox AG SARA-R410M Datasheet HTML 12Page - u-blox AG SARA-R410M Datasheet HTML 13Page - u-blox AG SARA-R410M Datasheet HTML 14Page - u-blox AG SARA-R410M Datasheet HTML 15Page - u-blox AG SARA-R410M Datasheet HTML 16Page - u-blox AG SARA-R410M Datasheet HTML 17Page - u-blox AG SARA-R410M Datasheet HTML 18Page - u-blox AG SARA-R410M Datasheet HTML 19Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Interfaces
Page 15 of 43
2.6 Audio
Audio is not supported by the “00”, “01”, “02”, “52”, “63” and “73” product versions.
SARA-R4 series modules support VoLTE (Voice over LTE Cat M1 radio bearer) for providing audio
services.
SARA-R4 series modules include an I2S digital audio interface to transfer digital audio data to/from
an external compatible audio device.
The digital audio interface can be made available as an alternative function, in a mutually exclusive
way, over the SPI interface pins (I2S_WA / SPI_MOSI, I2S_RXD / SPI_MISO, I2S_CLK / SPI_CLK,
I2S_TXD / SPI_CS).
2.7 GPIO
SARA-R4 series modules include pins that can be configured as general purpose input/output or to
provide custom functions as summarized in Table 4 (for further details, see the SARA-R4 series
system integration manual [2] and the SARA-R4 series AT commands manual [1]).
Function
Description
Default GPIO
Configurable GPIOs
Network status
indication
Network status: registered / data transmission, no
service
--
GPIO1
GNSS supply enable 19 Enable/disable the supply of a u-blox GNSS receiver
connected to the cellular module by the DDC (I2C)
interface
--
GPIO2
GNSS data ready 19
Sense when a u-blox GNSS receiver connected to the
module is ready for sending data by the DDC (I2C)
interface
--
GPIO3
SIM card detection
SIM card physical presence detection
--
GPIO5
Ring Indicator 20
Events indicator
--
RI
Module status
indication
Module switched off or in PSM low power deep sleep
mode, versus active or connected mode
--
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
Last gasp 20
Input to trigger last gasp notification
--
GPIO3, GPIO4, GPIO6
LwM2M pulse 21
Output to notify a settable LwM2M event with a
configurable pulse
--
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
General purpose input Input to sense high or low digital level
--
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6
General purpose
output
Output to set the high or the low digital level
--
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO6
Pin disabled
Tri-state with an internal active pull-down enabled
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6,
RI
GPIO1, GPIO2, GPIO3,
GPIO4, GPIO5, GPIO6,
RI
Table 4: GPIO custom functions configuration
19 Not supported by “00” and “01” product versions
20 Not supported by “00”, “01” and SARA-R410M-02B-00 product versions
21 Not supported by “00”, “01” and “x2” product versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com