Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD360 Datasheet(PDF) 142 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 142 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology UPD360 Datasheet HTML 143Page - Microchip Technology UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 221 page
background image
UPD360
DS00002084C-page 142
 2016-2017 Microchip Technology Inc.
2
EN_CRC_RCV_TMR
Enable CRCReceiveTimer.
0: CRCReceiveTimer disabled (default)
1: CRCReceiveTimer Enabled
This bit is used by software only when it is not using auto-retry mode.
When auto-retry is enabled (EN_AUTO_RSP_MODE in the TX Control Regis-
ter A (TX_CTL_A) is set and N_RETRY_CNT is non-zero) or when the trans-
mitter is set to wait for the GoodCRC message (EXPECT_GOODCRC is set
and N_RETRY_CNT is zero), the CRCReceiveTimer is automatically enabled
in hardware. If GoodCRC message is not received prior to timer expiration,
then an interrupt will be generated. CRC_RCV_TIMEOUT bit in the TX Inter-
rupt Status Register (TX_IRQ_STAT) will be set.
If auto-retry and wait for GoodCRC are disabled, the software can set this bit
to enable CRCReceiveTimer prior to starting transmission to help time tRe-
ceive. Once enabled, the timer will start automatically at the end of transmis-
sion; however, software must disable the timer when a GoodCRC message is
received. If not disabled, timer expiration will generate an interrupt.
Once expired, the CRCReceiveTimer remains expired until start of another
packet transmission when it reloads.
This timer can also be used for BIST transmissions as the BISTReceiveError-
Timer.
R/W
0b
1
EN_SMBUS_MODE
Enable SMBus block read FIFO format.
0: First location in packet is status, second location is packet length
1: First location in packet is packet length + 1, second location is status
R/W
0b
0
EN_CABLE_RESET
Enable Cable Reset Detection.
0: Cable Reset Detection (default)
1: Cable Reset Detection Enabled
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com