Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3317C Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 3 Page - SMSC Corporation

  USB3317C_V01 Datasheet HTML 1Page - SMSC Corporation USB3317C_V01 Datasheet HTML 2Page - SMSC Corporation USB3317C_V01 Datasheet HTML 3Page - SMSC Corporation USB3317C_V01 Datasheet HTML 4Page - SMSC Corporation USB3317C_V01 Datasheet HTML 5Page - SMSC Corporation USB3317C_V01 Datasheet HTML 6Page - SMSC Corporation USB3317C_V01 Datasheet HTML 7Page - SMSC Corporation USB3317C_V01 Datasheet HTML 8Page - SMSC Corporation USB3317C_V01 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
SMSC USB3317 REV C
3
Revision 2.1 (06-02-10)
DATASHEET
0.1
Reference Documents
Universal Serial Bus Specification, Revision 2.0, April 27, 2000
On-The-Go Supplement to the USB 2.0 Specification, Revision 2.0, May 8, 2009
27% Resistor ECN
USB 2.0 Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
UTMI+ Specification, Revision 1.0, February 2, 2004
UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1, October 20, 2004
Technical Requirements and Test Methods of Charger and Interface for Mobile Telecommunication
Terminal Equipment (Chinese Charger Specification Approval Draft 11/29/2006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com