Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3317C Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB3317C_V01 Datasheet HTML 45Page - SMSC Corporation USB3317C_V01 Datasheet HTML 46Page - SMSC Corporation USB3317C_V01 Datasheet HTML 47Page - SMSC Corporation USB3317C_V01 Datasheet HTML 48Page - SMSC Corporation USB3317C_V01 Datasheet HTML 49Page - SMSC Corporation USB3317C_V01 Datasheet HTML 50Page - SMSC Corporation USB3317C_V01 Datasheet HTML 51Page - SMSC Corporation USB3317C_V01 Datasheet HTML 52Page - SMSC Corporation USB3317C_V01 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
SMSC USB3317 REV C
49
Revision 2.1 (06-02-10)
DATASHEET
6.4
Carkit Mode
The USB3317 includes Carkit Mode to support a USB UART Mode.
60MHz clock is stopped to conserve power by default. The Link may configure the 60MHz clock to
continue by setting the ClockSuspendM bit of Interface Control before entering Carkit Mode. If set, the
60 MHz clock will continue during the of operation.
In Carkit Mode, interrupts are possible from unmasked sources. The state of each interrupt source is
sampled prior to the assertion of DIR and this is compared against the asynchronous level from
interrupt source. In Carkit Mode, the Linestate signals are not available per the ULPI specification.
Exiting Carkit Mode is the same as exiting Low Power Mode as described in Section 6.2.6.2. The Link
must assert STP to signal the PHY to exit serial mode. When the PHY can accept a command, DIR
is de-asserted and the PHY will wait until the Link de-asserts STP to resume synchronous ULPI
operation. The RESETB pin can also be pulsed low to reset the USB3317 and return it to Synchronous
Mode.
6.4.1
USB UART Mode
The USB3317 can be placed into UART Mode by first setting the TxdEn and RxdEn bits in the Carkit
Control register. Then the Link can set the CarkitMode bit in the Interface Control register. The TxdEn
and RxdEn bits must be written before the CarkitMode bit. After the CarkitMode bit is set, the ULPI
interface will become redefined as described in Table 6.7, and the USB3317 will transmit data through
the DATA[0] to DM of the USB connector and receive data on DP and pass the information the Link
on DATA[1].
When entering UART mode, the regulator output will automatically switch to the value configured by
the UART RegOutput bits in the USB IO & Power Management register and a 125K RCD pull-up will
be applied internally to DP and DM. This will hold the UART in its default operating state.
While in UART mode, the transmit edge rates can be set to either the Full Speed USB or Low Speed
USB edge rates by using the XcvrSelect[1:0] bits in the Function Control register.
rx_rcv
DATA[6]
OUT
Differential receive data from DP and DM.
Reserved
DATA[7]
OUT
Driven Low.
Table 6.7 Pin Definitions in Carkit Mode
SIGNAL
CONNECTED
TO
DIRECTION
DESCRIPTION
txd
DATA[0]
IN
UART TXD signal that is routed to the DM pin if the TxdEn
is set in the Carkit Control register.
rxd
DATA[1]
OUT
UART RXD signal that is routed to the DP pin if the RxdEn
bit is set in the Carkit Control register.
reserved
DATA[2]
OUT
Driven Low.
int
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
reserved
DATA[4:7]
OUT
Driven Low.
Table 6.6 Pin Definitions in 6 pin Serial Mode (continued)
SIGNAL
CONNECTED
TO
DIRECTION
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com