Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3317C Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB3317C_V01 Datasheet HTML 28Page - SMSC Corporation USB3317C_V01 Datasheet HTML 29Page - SMSC Corporation USB3317C_V01 Datasheet HTML 30Page - SMSC Corporation USB3317C_V01 Datasheet HTML 31Page - SMSC Corporation USB3317C_V01 Datasheet HTML 32Page - SMSC Corporation USB3317C_V01 Datasheet HTML 33Page - SMSC Corporation USB3317C_V01 Datasheet HTML 34Page - SMSC Corporation USB3317C_V01 Datasheet HTML 35Page - SMSC Corporation USB3317C_V01 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
Revision 2.1 (06-02-10)
32
SMSC USB3317 REV C
DATASHEET
5.6.2.4
Vbus Pulsing with Pull-up and Pull-down Resistors
In addition to the internal Vbus comparators, the USB3317 also includes the integrated Vbus pull-up
and pull-down resistors used for Vbus Pulsing. To discharge the Vbus voltage so that a Session
Request can begin, the USB3317 provides a pull-down resistor from Vbus to Ground. This resistor is
controlled by the DischargeVbus bit 3 of the OTG Control register. The pull-up resistor is connected
between Vbus and VDD33. This resistor is used to pull Vbus above 2.1 volts so that the A-Device
knows that a USB session has been requested. The state of the pull-up resistor is controlled by the
bit 4 ChargeVbus of the OTG Control register. The Pull-Up and Pull-Down resistor values are detailed
in Table 4.7.
5.6.2.5
Vbus Input Impedance
The OTG Supplement requires an A-Device that supports Session Request Protocol to have a VBUS
input impedance less than 100kΩ and greater the 40kΩ to ground. The USB3317 provides a 75kΩ
resistance to ground, RVB. The RVB resistor tolerance is detailed in Table 4.7.
5.6.3
Driving External Vbus
A system that is operating as a host is required to source 5 volts on VBUS. The USB3317 fully
supports VBUS power control using external devices. The USB3317 provides an active high control
signal, CPEN, which is dedicated to controlling the Vbus supply when configured as an A-Device.
CPEN is asserted by setting the DrvVbus or DrvVbusExternal bit of the OTG Control register. To be
compatible with Link designs that support both internal and external Vbus supplies the DrvVbus and
DrvVbusExternal bits in the OTG Control Register are or’d together. This enables the Link to set either
bit to access the external Vbus enable (CPEN.) This logic is shown in Figure 5.9. DrvVbus and
DrvVbusExternal are set to 0 on POR.
Figure 5.9 USB3317 Drives External Vbus Supply or Switch
PHY
REFCLK
DM
DP
USB
Connector
D-
D+
VBUS
ID
ID
VBUS
12
ULPI Bus
SOC/FPGA/ASIC
REFCLK
ULPI Bus
DrvVbusExternal
DrvVbus
CPEN
VBUS
Supply
or Switch
EN
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com