Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP125 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 5 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3MScotch-Weld
Epoxy Adhesives
DP125 Translucent and Gray
- 5 -
3M™ EPX
Pneumatic Applicator
Delivery Rates
48.5/50 ml Applicator – Maximum Pressure 50 psi
Adhesive*
1/4 in. Nozzle
gms/minute
3M™ Scotch-Weld™ Epoxy Adhesive DP125 Translucent
3M™ Scotch-Weld™ Epoxy Adhesive DP125 Gray
63.6
26.4
*Tests were run at a temperature of 70°F ± 2°F (21°C ± 1°C) and at maximum applicator pressure.
Handling/Curing
Information
Directions For Use
1. For high strength structural bonds, paints, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and
the environmental aging resistance desired by user. For specific surface preparations
on common substrates, see the section on surface preparation.
2. Use gloves to minimize skin contact. Do not use solvents for cleaning hands.
3. Mixing.
For Duo Pak Cartridges
3M™ Scotch-Weld™ Epoxy Adhesives DP125 Translucent and Gray are supplied
in a dual syringe plastic duo-pak cartridge as part of the 3M™ EPX Applicator
System. To use, simply insert the duo-pak cartridge into the EPX applicator and start
the plunger into the cylinders using light pressure on the trigger. Next, remove the duo-
pak cartridge cap and expel a small amount of adhesive to be sure both sides of the
duo-pak cartridge are flowing evenly and freely. If automatic mixing of Part A and
Part B is desired, attach the EPX applicator mixing nozzle to the duo-pak cartridge
and begin dispensing the adhesive. For hand mixing, expel the desired amount of
adhesive and mix thoroughly. Mix approximately 15 seconds after uniform color is
obtained.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified in the typical
uncured properties section. Mix approximately 15 seconds after uniform color is
obtained.
4. For maximum bond strength, apply adhesive evenly to both surfaces to be joined.
5. Application to the substrates should be made within 20 minutes. Larger quantities
and/or higher temperatures will reduce this working time.
6. Join the adhesive coated surfaces and allow to cure at 60°F (16°C) or above until
completely firm. Heat up to 200°F (93°C), will speed curing. These products will
cure in 7 days @ 75°F (24°C).
7. Keep parts from moving during cure. Contact pressure necessary. Maximum shear
strength is obtained with a 3-5 mil bond line.
8. Excess uncured adhesive can be cleaned up with ketone type solvents.*
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and
follow manufacturer’s precautions and directions for use.
Adhesive Coverage (typical): A 0.005 in. thick bondline will yield a coverage of
320 sq. ft./gallon.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com