Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP125 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 1 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Scotch-Weld
TM
Epoxy Adhesives
DP125 Translucent and Gray
Product Description
3M™ Scotch-Weld™ Epoxy Adhesive DP125 Translucent is a faster curing version
of the 3M™ Scotch-Weld™ Epoxy Adhesive 2216 Translucent B/A. The worklife
and cure time has been reduced from hours and days for the Scotch-Weld epoxy
adhesive 2216 Translucent B/A to minutes and hours. Final shear and peel strengths
remain similar or even slightly improved compared to the Scotch-Weld epoxy
adhesive 2216 Translucent.
Scotch-Weld epoxy adhesive DP125 Gray is a filled, pigmented version of the
Scotch-Weld epoxy adhesive DP125 Translucent and has similar performance and
flexibility properties.
Available in bulk containers as 3M™ Scotch-Weld™ Epoxy Adhesive 125 B/A
Translucent and 125 B/A Gray.
Features
• 25 minute worklife
• High peel and shear strength
• Flexible
• Controlled flow (gray)
• Translucent or Gray
• 1:1 mix ratio
Typical Uncured
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Scotch-
Weld™ Epoxy
Adhesive DP125
Translucent
3M™ Scotch-
Weld™ Epoxy
Adhesive
DP125 Gray
Base Resins
Epoxy/Amine
Epoxy/Amine
Viscosity1, Approximate Base (B)
@ 80°F
Accelerator (A)
2,000-8,000 cps
22,000-33,000 cps
35,000-75,000 cps
45,000-65,000 cps
Net Weight
Base (B)
(Lbs./gal.)
Accelerator (A)
9.3-9.7
8.4-8.6
10.3-10.7
8.5-8.9
Color
Base (B)
Accelerator (A)
Clear
Amber
Gray
Amber
Mix Ratio (B:A)
By Volume
By Weight
1:1
1.10:1
1:1
1.2:1
Worklife2
2 gram
@ 73°F
20 gram
25 min.
18 min.
25 min.
15 min.
Footnotes: Viscosity determined using 3M test method C-1d. Procedure involves Brookfield RVF, #7 spindle, 20 rpm and
80°F. Measurement taken after 1 minute.
1. Worklife determined using 3M test method C-3180. Procedure involves periodically measuring a 2 gram mixed mass for self
leveling and wetting properties. This time will also approximate the usable worklife in an
3M™ EPX Applicator mixing nozzle.
Technical Data
March 2019


Similar Part No. - DP125

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
DP125E88TGY PANDUIT-DP125E88TGY Datasheet
453Kb / 1P
DP5e UTP Patch Panels
More results

Similar Description - DP125

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC2216 3M-EC2216 Datasheet
31Kb / 9P
Scotch-WeldTM Epoxy Adhesive
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
TE031 3M-TE031 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
TL22 3M-TL22 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com