Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP125 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP125
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP125 Datasheet(HTML) 6 Page - 3M Electronics

  DP125 Datasheet HTML 1Page - 3M Electronics DP125 Datasheet HTML 2Page - 3M Electronics DP125 Datasheet HTML 3Page - 3M Electronics DP125 Datasheet HTML 4Page - 3M Electronics DP125 Datasheet HTML 5Page - 3M Electronics DP125 Datasheet HTML 6Page - 3M Electronics DP125 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3M
Scotch-Weld
Epoxy Adhesives
DP125 Translucent and Gray
- 6 -
Surface Preparation
For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the
amount of surface preparation directly depends on the required bond strength and the
environmental aging resistance desired by user.
The following cleaning methods are suggested for common surfaces:
Steel:
1. Wipe free of dust with oil-free solvent such as acetone, isopropyl or alcohol
solvents.*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with solvent to remove loose particles.*
4. If a primer is used, it should be applied within 4 hours after surface preparation.
Aluminum:
1. Alkaline Degrease: Oakite 164 solution (9-11 oz./gallon water) at 190°F ± 10°F
for 10-20 minutes. Rinse immediately in large quantities of cold running water.
2. Acid Etch: Place panels in the following solution for 10 minutes at 150°F ± 5°F .
Sodium Dichromate
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66°Be
38.5 - 41.5 oz./gallon
2024-T3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap water as needed to balance
3. Rinse: Rinse panels in clear running tap water.
4. Dry: Air dry 15 minutes; force dry 10 minutes at 150°F ± 10°F.
5. If primer is to be used, it should be applied within 4 hours after surface preparation.
Note: Read and follow supplier’s environmental, health, and safety documentation for
these chemicals prior to preparation of this solution.
Plastics/Rubber:
1. Wipe with isopropyl alcohol.*
2. Abrade using fine grit abrasives.
3. Wipe with isopropyl alcohol.*
Glass:
1. Solvent wipe surface using acetone or MEK.*
2. Apply a thin coating (0.0001 in. or less) of primer such as 3M™ Scotch-Weld™
Metal Primer EC3901 to the glass surfaces to be bonded and allow the primer to dry
before bonding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and
follow manufacturer’s precautions and directions for use.
Application Equipment
Suggestions
For small or intermittent applications the 3M™ EPX Applicator System is a
convenient method of application.
For larger applications these products may be applied by use of flow equipment.
Two part meter/mixing/proportioning/dispensing equipment is available for
intermittent or production line use. These systems may be desirable because of their
variable shot size and flow rate characteristics and are adaptable to many applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com