Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
inStalling and powering the g310
MOUNTING INSTRUCTIONS
This operator interface is designed for through-panel mounting. A panel cut-
out diagram and a template are provided. Care should be taken to remove any
loose material from the mounting cut-out to prevent that material from falling
into the operator interface during installation. A gasket is provided to enable
sealing to NEMA 4X/IP66 specification. Install the 14 kep nuts provided and
tighten evenly for uniform gasket compression.
Note: Tightening the kep nuts beyond a maximum of 17 inch-pounds (1.92
N-m) may cause damage to the front panel.
CONNECTING TO EARTH GROUND
The chassis ground is not connected to signal common of the unit.
Maintaining isolation between earth ground and signal common is not required
to operate your unit. But, other equipment connected to this unit may require
isolation between signal common and earth ground. To maintain isolation
between signal common and earth ground care must be taken when connections
are made to the unit. For example, a power supply with isolation between its
signal common and earth ground must be used. Also, plugging in a USB cable
may connect signal common and earth ground.1
1. USB’s shield may be connected to earth ground at the host. USB’s shield
in turn may also be connected to signal common.
POWER SUPPLY REQUIREMENTS
The units require a 24 VDC power supply rated at 26 W. Your unit may draw
considerably less than the rated power depending upon the options being used.
As additional features are used your unit will draw increasing amounts of power.
Items that could cause increases in current are additional communications,
optional communications card, CompactFlash card, and other features
programmed through Crimson.
In any case, it is very important that the power supply is mounted correctly if
the unit is to operate reliably. Please take care to observe the following points:
– The power supply must be mounted close to the unit, with usually not
more than 6 feet (1.8 m) of cable between the supply and the operator
interface. Ideally, the shortest length possible should be used.
– The wire used to connect the operator interface’s power supply should
be at least 22-gage wire. If a longer cable run is used, a heavier gage
wire should be used. The routing of the cable should be kept away from
large contactors, inverters, and other devices which may generate
significant electrical noise.
– A power supply with an NEC Class 2 or Limited Power Source (LPS)
and SELV rating is to be used. This type of power supply provides
isolation to accessible circuits from hazardous voltage levels generated
by a mains power supply due to single faults. SELV is an acronym for
“safety extra-low voltage.” Safety extra-low voltage circuits shall
exhibit voltages safe to touch both under normal operating conditions
and after a single fault, such as a breakdown of a layer of basic
insulation or after the failure of a single component has occurred.
8.925
(226.7)
2.975
(75.6)
12.25 (311.2)
6.125 (155.6)
11.725 (297.8)
8.40
(213.4)
14X ∅.188 (∅4.8)
All tolerances ±0.010" (±0.25 mm).
ALL NONINCENDIVE CIRCUITS MUST BE WIRED USING
DIVISION 2 WIRING METHODS AS SPECIFIED IN THE NATIONAL
ELECTRICAL CODE, NFPA 70 FOR INSTALLATION WITHIN THE
UNITED STATES, OR AS SPECIFIED IN THE CANADIAN
ELECTRICAL CODE FOR INSTALLATION IN CANADA.
WARNING - EXPLOSION HAZARD - DO NOT DISCONNECT
EQUIPMENT WHILE THE CIRCUIT IS LIVE OR UNLESS THE AREA
IS KNOWN TO BE FREE OF IGNITABLE CONCENTRATIONS.
inStalling an option card
Each option card comes with a cable for communications and three
screws for attaching the option card to the G3’s main board.
To install the option card, remove all power and I/O communications
cables from the unit and remove the rear cover. Connect the cable from the
option card to the connector on the main board. Be sure both ends of the
cable are firmly seated into their appropriate connector housings. Use the
three screws provided to mount the option card to the main board as shown
in Figure 1.
Carefully replace the rear cover by reversing the instructions for
removing the rear cover.
TYPICAL EXPANSION CARD INSTALLATION
Figure 1
WARNING - EXPLOSION HAZARD - DO NOT DISCONNECT
EQUIPMENT UNLESS POWER HAS BEEN DISCONNECTED
AND THE AREA IS KNOWN TO BE NON-HAZARDOUS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com