Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Examples of RS232 communications could involve another Red Lion
product or a PC. By using a cable with RJ12 ends on it, and a twist in the cable,
RS232 communications with another G3 product or the Modular Controller can
be established. Red Lion part numbers for cables with a twist in them are
CBLPROG0 1, CBLRLC01 2, or CBLRC02 3.
G3 RS232 to a PC
Connections
G3: RJ12
Name
PC: DB9
Name
4
COMM
1
DCD
5
Tx
2
Rx
2
Rx
3
Tx
N/C
4
DTR
3
COMM
5
GND
N/C
6
DSR
1
CTS
7
RTS
6
RTS
8
CTS
N/C
9
RI
1 CBLPROG0 can also be used to communicate with either a PC or an ICM5.
2 DB9 adapter not included, 1 foot long.
3 DB9 adapter not included, 10 feet long.
RS422/485 COMMS PORT
The G310 has one isolated RS422/485 port. This port can be configured to
act as either RS422 or RS485.
Note: All Red Lion devices connect A to A and B to B, except for Paradigm
devices. Refer to www.redlion.net for additional information.
5
CBLPROG0
ICM5
CONNECTING A G310 OPERATOR
INTERFACE TO AN ICM5
Application Dependent
ICM5 DIP Switch Settings
Examples of RS485 2-Wire Connections
G3 to Red Lion RJ11 (CBLRLC00)
DLC, IAMS, ITMS, PAXCDC4C
Connections
G3: RJ45
Name
RLC: RJ11
Name
5
TxEN
2
TxEN
6
COMM
3
COMM
1
TxB
5
B-
2
TxA
4
A+
G3 to Modular Controller (CBLRLC05)
Connections
G3
Name
Modular Controller
Name
1,4
TxB
1,4
TxB
4,1
RxB
4,1
RxB
2,3
TxA
2,3
TxA
3,2
RxA
3,2
RxA
5
TxEN
5
TxEN
6
COMM
6
COMM
7
TxB
7
TxB
8
TxA
8
TxA
DH485 COMMUNICATIONS
The G310’s RS422/485 COMMS port can also be used for Allen Bradley
DH485 communications.
WARNING: DO NOT use a standard DH485 cable to connect this port to
Allen Bradley equipment. A cable and wiring diagram are available from
Red Lion.
G3 to AB SLC 500 (CBLAB003)
Connections
RJ45: RLC
Name
RJ45: A-B
Name
1
TxB
1
A
2
TxA
2
B
3, 8
RxA
-
24V
4, 7
RxB
-
COMM
5
TxEN
5
TxEN
6
COMM
4
SHIELD
4, 7
TxB
-
COMM
3, 8
TxA
-
24V
TX
5V
8
1
7
2
TxB
TxA
130K
130K
5
TxEN (OC)
RX
130K
5V
130K
RxB
4
RxA
3
GND
6
TxEN (OC)
TX/RX
130K
5
TxA
2
8
130K
5V
7
1
TxB
6
GND
RS422/485 4-WIRE
CONNECTIONS
RS485 2-WIRE
CONNECTIONS
ISOLATED
ETHERNET
AUXILIARY
ISOLATED
RS232
PORT B
E
F
ETHERNET
ISOLATED
D
B
C
A
HOST B
A
PGM PORT
ISOLATED
RS232
PORT A
ISOLATED
-
+
24VDC
SUPPLY
PORT A
RS485
A
POWER
PROGRAMMING
HOST A
A
USB DEVICE
POWER SUPPLY ISOLATION BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com