Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBLPROG0 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CBLPROG0
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBLPROG0 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CBLPROG0 Datasheet HTML 1Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 2Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 3Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 4Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 5Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 6Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 7Page - Red Lion Controls. Inc CBLPROG0 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GENERAL DESCRIPTION
The G310 Operator Interface Terminal combines unique capabilities normally
expected from high-end units with a very affordable price. It is built around a
high performance core with integrated functionality. This core allows the G310
to perform many of the normal features of the Paradigm range of Operator
Interfaces while improving and adding new features.
The G310 is able to communicate with many different types of hardware using
high-speed RS232/422/485 communications ports and Ethernet 10 Base T/100
Base-TX communications. In addition, the G310 features USB for fast downloads
of configuration files and access to trending and data logging. A CompactFlash
socket is provided so that Flash cards can be used to collect your trending and data
logging information as well as to store larger configuration files.
In addition to accessing and controlling of external resources, the G310
allows a user to easily view and enter information. Users can enter data through
the touchscreen or front panel 8-button keypad.
CONTENTS OF PACKAGE
- G310 Operator Interface.
- Panel Gasket.
- This hardware bulletin.
- Template for panel cutout.
- Hardware packet for mounting unit into panel.
- Terminal block for connecting power.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use the controller to directly command motors, valves, or other
actuators not equipped with safeguards. To do so can be potentially harmful to
persons or equipment in the event of a fault to the controller.
ORDERING INFORMATION
MODEL NO.
DESCRIPTION
PART NUMBER
G310
10.4" TFT VGA Display Operator Interface (indoor),
USB Host, Isolated Comms
G310C210
10.4" TFT VGA Display Operator Interface (indoor),
Dual Ethernet, USB Host, Isolated Comms
G310C230
10.4" TFT SVGA Display Operator Interface (indoor),
USB Host, Isolated Comms
G310R210
10.4" TFT SVGA Display Operator Interface (indoor),
Dual Ethernet, USB Host, Isolated Comms
G310R230
10.4" TFT VGA Display Operator Interface (indoor or
outdoor), Glossy Finish, USB Host, Isolated Comms 7 G310S210
10.4" TFT VGA Display Operator Interface (indoor or
outdoor), Glossy Finish, Dual Ethernet, USB Host,
Isolated Comms 7
G310S230
G3CF
CompactFlash Card 6
G3CFxxxx
G3RS
RS 232/485 Optional Communication Card
G3RS0000
G3CN
CANopen Optional Communication Card
G3CN0000
G3DN
DeviceNet Optional Communication Card
G3DN0000
G3GSM GSM/GPRS Modem Option Card 3
G3GSM000
G3PBDP Profibus DP Optional Communication Card
G3PBDP00
SFCRM Crimson 2
SFCRM
CBL
RS-232 Programming Cable
CBLPROG0
USB Cable
CBLUSB00
Communications Cables 1
CBLxxxxx
DR
DIN Rail Mountable Adapter Products 4
DRxxxxxx
Replacement Battery 5
BNL20000
G3FILM Protective Films
G3FILM10
1 Contact your Red Lion distributor or visit our website for complete selection.
2 Use this part number to purchase Crimson on CD with a printed manual, USB
cable, and RS-232 cable. Otherwise, download for free from www.redlion.net.
3 Antenna (G3QANT00) is NOT included with the card. Must be purchased
separately if needed.
4 Red Lion offers RJ modular jack adapters. Refer to the DR literature for complete
details.
5 Battery type is lithium coin type CR2025
6 Industrial grade two million write cycles. SMART Modular Technologies model
SG9CF (UL Listed Directory Category NWGQ).
7 LED backlight may not be field replaceable. Consult factory.
MODEL G310C2/R2/S2 - 10.4" COLOR TOUCHSCREEN
Bulletin No. G310CRS2-E
Drawing No. LP0809
Released 04/15
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
CompactFlash is a registered trademark of CompactFlash Association.
CONFIGURED USING CRIMSON® SOFTWARE (VERSION 2.0 OR
LATER)
UP TO 5 RS-232/422/485 COMMUNICATIONS PORTS
(2 RS-232 AND 1 RS-422/485 ON BOARD, 1 RS-232 AND 1 RS-422/485
ON OPTIONAL COMMUNICATIONS CARD)
10 BASE T/100 BASE-TX ETHERNET PORT TO NETWORK UNITS
AND HOST WEB PAGES (2ND ETHERNET PORT OPTIONAL)
USB PORT TO DOWNLOAD THE UNIT’S CONFIGURATION FROM A
PC OR FOR DATA TRANSFERS TO A PC
UNIT’S CONFIGURATION IS STORED IN NON-VOLATILE MEMORY
(32MBYTE FLASH)
COMPACTFLASH® SOCKET TO INCREASE MEMORY CAPACITY
10.4-INCH TFT 32K VGA 640X480 PIXEL LCD OR SVGA 800X600 LCD
OUTDOOR UNIT WITH UV RATED OVERLAY AVAILABLE
8-BUTTON KEYPAD FOR ON-SCREEN MENUS
THREE FRONT PANEL LEDS
POWER UNIT FROM 24VDC ±20% SUPPLY
RESISTIVE ANALOG TOUCHSCREEN
WARNING - EXPLOSION HAZARD - SUBSTITUTION
OF ANY COMPONENT MAY IMPAIR SUITABILITY
FOR CLASS I, DIVISION 2
1
C
US LISTED
UL
R
43NH
PROCESS CONTROL EQUIPMENT
FOR USE IN HAZARDOUS LOCATIONS:
Class I, Division 2, Groups A, B, C, and D
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.


Similar Part No. - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CBLPROG0 REDLION-CBLPROG0 Datasheet
579Kb / 2P
Enhanced Data Station Plus & Modular Controller
CBLPROG0 REDLION-CBLPROG0 Datasheet
689Kb / 8P
GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
CBLPROG0 REDLION-CBLPROG0 Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
More results

Similar Description - CBLPROG0

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BT104BBNNCH BOLYMIN-BT104BBNNCH Datasheet
174Kb / 1P
10.4 Color TFT-LCD module
logo
Hantronix,Inc
HDA1040X-AH HANTRONIX-HDA1040X-AH_15 Datasheet
1Mb / 19P
10.4 TFT XGA (1024X768) COLOR
logo
AU Optronics Corp.,
G104XVN01.0 AUO-G104XVN01.0 Datasheet
689Kb / 26P
10.4 Inch Color TFT-LCD
G104SN03V1 AUO-G104SN03V1 Datasheet
411Kb / 25P
10.4 Inch Color TFT-LCD
G104VN01V0 AUO-G104VN01V0 Datasheet
331Kb / 24P
10.4 Inch Color TFT-LCD
logo
Schneider Electric
HMIGTO5310FC SCHNEIDER-HMIGTO5310FC Datasheet
67Kb / 3P
Advanced touchscreen panel, Harmony GTO, 10.4 Color Touch VGA TFT, coated display
Oct 17, 2021
HMIGTO5310FCW SCHNEIDER-HMIGTO5310FCW Datasheet
64Kb / 3P
Advanced touchscreen panel, Harmony GTO, 10.4 Color Touch VGA TFT, coated display without logo
Sep 20, 2021
HMIGTO5310FW SCHNEIDER-HMIGTO5310FW Datasheet
64Kb / 3P
Advanced touchscreen panel, Harmony GTO, 10.4 Color Touch VGA TFT, logo removed
Jul 21, 2021
HMIGTO5315FW SCHNEIDER-HMIGTO5315FW Datasheet
96Kb / 3P
Advanced touchscreen panel, Harmony GTO, 10.4 Color Touch VGA Stainless, logo removed
Apr 27, 2022
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com