Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS25BATR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 7Page - STMicroelectronics LIS25BATR Datasheet HTML 8Page - STMicroelectronics LIS25BATR Datasheet HTML 9Page - STMicroelectronics LIS25BATR Datasheet HTML 10Page - STMicroelectronics LIS25BATR Datasheet HTML 11Page - STMicroelectronics LIS25BATR Datasheet HTML 12Page - STMicroelectronics LIS25BATR Datasheet HTML 13Page - STMicroelectronics LIS25BATR Datasheet HTML 14Page - STMicroelectronics LIS25BATR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID031510 Rev 4
11/32
LIS25BA
TDM interface characteristics
32
3
TDM interface characteristics
Please refer to Section 4: TDM interface specifications for additional details.
Table 6. TDM interface characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MCLK
MCLK frequency nominal
12.288
MHz
MCLKA
MCLK frequency accuracy
-0.1
0.1
%
MCLKJ
MCLK jitter
1
ns (peak
to peak)
BCLK
BCLK frequency (1/tp)
in disabled mode
MCLK
MHz
WCLK = 8 kHz
1.024
MHz
WCLK = 16 kHz
2.048
MHz
WCLK = 24 kHz
3.072
MHz
WCLK8
8 kHz WCLK mode
8
kHz
WCLK16
16 kHz WCLK mode
16
WCLK24
24 kHz WCLK mode
24
PDC
All clock pin duty cycle
(except WCLK)
45
55
%
WT
WCLK setup time before BCLK
rising/falling edge (tss1)
20
ns
SDOST
SDOUT setup time before
BCLK rising/falling edge (tss2)
15
ns
SDOHTR
SDOUT hold time after BCLK
rising/falling edge (ths1)
15
ns
SDOHTZ
SDOUT hold time of LSB after
BCLK rising/falling edge (ths2)
15
50
ns
CMCLK
MCLK pin capacitance
10
pF
CBCLK
BCLK pin capacitance
10
CWCLK
VCLK pin capacitance
10
CSDOUT
SDOUT load capacitance
60
FRREL
Relative frequency response(2) (3)
-0.5
0.4
dB
1. All setup times and hold times in Table 6 and in Figure 4 are valid for BCLK polarity set to “clock on rising”. If BCLK polarity
is set to “clock on falling”, then all setup and hold times will refer to the falling edge of BCLK instead. Please refer to
Section 4: TDM interface specifications for additional details.
2. Data by simulation
3. All the DUT measurement points are normalized to the 294 Hz measurement. The deviation between each point and
294 Hz is calculated. The maximum deviation for points measured at frequencies below 2.0 kHz is given as FRREL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com