Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS25BATR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 21Page - STMicroelectronics LIS25BATR Datasheet HTML 22Page - STMicroelectronics LIS25BATR Datasheet HTML 23Page - STMicroelectronics LIS25BATR Datasheet HTML 24Page - STMicroelectronics LIS25BATR Datasheet HTML 25Page - STMicroelectronics LIS25BATR Datasheet HTML 26Page - STMicroelectronics LIS25BATR Datasheet HTML 27Page - STMicroelectronics LIS25BATR Datasheet HTML 28Page - STMicroelectronics LIS25BATR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID031510 Rev 4
25/32
LIS25BA
Register mapping
32
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and their
respective addresses.
Table 16. Register address map
Name
Type(1)
Register address
Default
Hex
Binary
TEST_REG
rw
0B
000 1100
0000 0000
WHO_AM_I
r
0F
000 1111
0010 0000
TDM_cmax[11:8]
rw
24
010 0100
0000 0000
TDM_cmax[7:0]
rw
25
010 0101
0111 1111
CTRL_REG
rw
26
0100110
0010 0000
TDM_CTRL_REG
rw
2E
010 1110
1111 0000
AXES_CTRL_REG
rw
2F
010 1111
1110 0001
1. Read only (r) - read/write (rw)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com