Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS25BATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS25BATR
Description  MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS25BATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS25BATR Datasheet HTML 8Page - STMicroelectronics LIS25BATR Datasheet HTML 9Page - STMicroelectronics LIS25BATR Datasheet HTML 10Page - STMicroelectronics LIS25BATR Datasheet HTML 11Page - STMicroelectronics LIS25BATR Datasheet HTML 12Page - STMicroelectronics LIS25BATR Datasheet HTML 13Page - STMicroelectronics LIS25BATR Datasheet HTML 14Page - STMicroelectronics LIS25BATR Datasheet HTML 15Page - STMicroelectronics LIS25BATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TDM interface characteristics
LIS25BA
12/32
DocID031510 Rev 4
Figure 4. TDM interface characteristics
3.1
I²C interface characteristics
Please refer to Section 5: I²C- inter-IC control interface for additional details.
Table 7. Digital input/output voltage for I²C pins(1)
1. Data based on standard I²C protocol requirement, intended only for test and trim. Values are not
guaranteed.
Symbol
Parameter
Test
conditions
Min.
Typ.(2)
2. Typical specifications are not guaranteed.
Max.
Unit
VIH
Digital high-level input voltage
0.7*Vdd
V
VIL
Digital low-level input voltage
0.2*Vdd
V
VOL
Low-level output voltage
IOL = 4 mA(3)
3. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the dig-
ital pad in order to guarantee the correct digital output voltage levels VOH and VOL.
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com