Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS5N70 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMS5N70
Description  N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS5N70 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS5N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS [V]
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
tP [S]
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
TJ [℃]
0
0.5
1
1.5
2
2.5
-100
-50
0
50
100
150
200
TJ [℃]
Typical Characteristics
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
※ Notes
1. VGS = 0 V
2. ID = 1 mA
※ Notes
1. VGS = 10 V
2. ID = 1.2 A
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
※ Notes
1. TC = 25℃
2. TJ(MAX) = 150℃
3. Single Pulse
DC
1ms
100us
10us
0
1
2
3
4
5
25
50
75
100
125
150
TC [℃]
HMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com