Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS5N70 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMS5N70
Description  N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS5N70 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS5N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS5N70 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics T
J=25 C unless otherwise specified
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. IAS=0.9A VDD=50V, RG=25, Starting TJ =25C
3. Pulse Test : Pulse Width ≤ 300μs, Duty Cycle ≤ 2%
4. Essentially Independent of Operating Temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
On Characteristics
VGS
Gate Threshold Voltage
VDS = VGS, ID = 140 μA
2.0
-
4.0
V
RDS(ON)
Static Drain-Source On-Resistance
VGS = 10 V, ID = 1.2 A
-
0.955
1.1
Ω
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 1mA
700
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 700 V, VGS = 0
-
-
1
μA
VDS = 700 V, TC = 150℃
-
-
100
μA
IGSS
Gate-Body Leakage Current
VGS = ±20 V, VDS = 0 V
-
-
±
1
μA
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 400 V, VGS = 0 V,
f = 1.0 MHz
-
410
-
pF
Coss
Output Capacitance
-
13
-
pF
Crss
Reverse Transfer Capacitance
-
2.7
-
pF
Switching Characteristics
td(on)
Turn-On Time
VDS = 350 V, ID = 1.8 A,
RG = 25 Ω
(Note 3,4)
-
20
-
ns
tr
Turn-On Rise Time
-
18
-
ns
td(off)
Turn-Off Delay Time
-
54
-
ns
tf
Turn-Off Fall Time
-
19
-
ns
Qg(
Total Gate Charge
VDS = 560 V, ID = 1.8 A,
VGS = 10 V
(Note 3,4)
-
9.3
-
nC
Qgs
Gate-Source Charge
-
1.8
-
nC
Qgd
Gate-Drain Charge
-
3.0
-
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-
-
5.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
-
-
15.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 1.8 A
-
-
1.3
V
trr
Reverse Recovery Time
VR = 400 V, IF = 1.8 A
diF/dt = 100 A/μs
-
210
-
ns
Qrr
Reverse Recovery Charge
-
1.2
-
μC
HMS5N70



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com